Electronic Components Datasheet Search |
|
STM48-1V8M060-7EBX Datasheet(PDF) 8 Page - Bel Fuse Inc. |
|
STM48-1V8M060-7EBX Datasheet(HTML) 8 Page - Bel Fuse Inc. |
8 / 30 page STM48-MAIN STM48-SATELLITE Rev. 1.0 – 21/02/2018 www.powerstamp.org Page 8 of 30 belfuse.com/power-solutions Protections +S Feedback disconnection 700 mV -S Feedback disconnection 500 mV VRSMON Peak protection 3.045 V PMBus Interface SDA SCL Input HIGH, rising 1.8 V Input LOW, falling 1.4 V SDA SALERT Output pull down, ISINK= 5mA 13 Ω SADDR RDOWN resistor (see PMBus Address section) 10 kΩ SVID / AVS Interface SVDAT / AVSMDAT SVCLK / AVSCLK Input HIGH, rising 0.65 V Input LOW, falling 0.45 V SVDAT / AVSMDAT SV_ALRT / AVSSDAT Output pull down, ISINK= 5mA 13 Ω CPU Link Interface VR_HOT# Output pull down, ISINK= 5mA 13 Ω VR_RDY 13 Ω FAULT# 45 Ω VCCIO_OK Input HIGH, rising 1.7 V Input LOW, falling 1.5 V PFAULT_IN# Pull up current 10 µA PIN_ALERT# Output pull down, ISINK= 5mA 13 Ω Primary uController Interface PUCCS, PUCCK PUCDTI Input HIGH, rising 1.7 V Input LOW, falling 1.5 V PUCDTO Output HIGH voltage, ISOURCE= 1mA 4.5V Output LOW voltage, ISINK= 5mA 125 250 mV Output Pins PWMx STARTx Output HIGH voltage, ISOURCE= 1mA 4.90 4.95 V Output LOW voltage, ISINK= 1mA 25 50 mV STARTx Active high impedance (HiZ) 1.55. 1.60 1.65 V General Specifications Parameter Symbol Min Typ Max Units Relative humidity Operating, non-condensing RH 10 90 % Altitude -500 4000 ft. Calculated MTBF Calculated Per Telcordia SR-332, Issue2, Method 1, Case 3 VIN= 48 V, VOUT=1.83 V, IOUT= 70 A, Tamb= 40°C , FIT=109/MTBF MTBF TBD Hours Weight 12 g Dimensions L x W x H 30 12.7 18 mm |
Similar Part No. - STM48-1V8M060-7EBX |
|
Similar Description - STM48-1V8M060-7EBX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |