Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE56045 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE56045
Description  TRIAC, 16A, Sensitive Gate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE56045 Datasheet(HTML) 1 Page - NTE Electronics

  NTE56045 Datasheet HTML 1Page - NTE Electronics NTE56045 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE56045 thru NTE56047
TRIAC, 16A, Sensitive Gate
Description:
The NTE56045 through NTE56047 are glass passivated, sensitive gate TRIACs in an isolated full–
pack type package designed for use in general purpose bidirectional switching and phase control
applications, where high sensitivity is required in all four quadrants.
Absolute Maximum Ratings:
Repetitive Peak Off–Sate Voltage, VDRM
NTE56045 (Note 1)
500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE56046 (Note 1)
600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE56047
800V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RMS On–State Current (Full Sine Wave, THS ≤ 38°C), IT(RMS)
16A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak On–State Current, ITSM
(Full Sine Wave, TJ = +125°C prior to Surge, with Reapplied VDRMmax)
t = 20ms
140A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
t = 16.7ms
150A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I2t for Fusing (t = 10ms), I2t
98A2sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Rate–of–Rise of On–State Current after Triggering, dIT/dt
(ITM = 20A, IG = 0.2A, dIG/dt = 0.2A/µs)
MT2 (+), G (+)
50A/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MT2 (+), G (–)
50A/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MT2 (–), G (–)
50A/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MT2 (–), G (+)
10A/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Current, IGM
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Voltage, VGM
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate Power, PGM
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Gate Power (Over Any 20ms Period), PG(AV)
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Heatsink (Full or Half Cycle), RthJHS
With Heatsink Compound
4.0K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Without Heatsink Compound
5.5K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Resistance, Junction–to–Ambient, RthJA
55K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Although not recommended, off–state voltages up to 800V may be applied without damage,
but the TRIAC may switch to the on–state. The rate–of–rise of current should not exceed
15A/
µs.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE56042 TRIAC 16A Sensitive Gate 1  2  NTE Electronics
NTE56039 TRIAC 4A Sensitive Gate 1  2  NTE Electronics
NTE56040 TRIAC 4A Sensitive Gate 1  2  NTE Electronics
2N6071 SENSITIVE GATE TRIAC 4.0 AMPS 200 THRU 600 VOLTS 1  2  Central Semiconductor Corp
NTE5655 TRIAC - 800mA Sensitive Gate 1  2  NTE Electronics
BT138B Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BTA08S SENSITIVE GATE TRIACS 1  2  3  4  5  STMicroelectronics
XL0840 SENSITIVE GATE 0.8A SCRs 1  2  3  4  5  STMicroelectronics
MAC08BT1 SENSITIVE GATE TRIACS 1  2  3  4  5  More ON Semiconductor
CPS150 Silicon Controlled Rectifier 25 Amp Sensitive Gate SCR Chip 1  Central Semiconductor Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn