Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCH1T45 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH1T45
Description  SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH1T45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCH1T45 Datasheet HTML 2Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 3Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 4Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 5Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 6Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 7Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 8Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 9Page - Texas Instruments SN74AVCH1T45 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN74AVCH1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES598C – JULY 2004 – REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 9 and 10) (continued)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±0.1
±1
±5
A
Ioff
B port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±0.1
±1
±5
µA
IOZ
A or B
ports
VO = VCCO or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.5
±2.5
±5
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
VI = VCCI or GND,
IO = 0
0 V
3.6 V
−2
µA
ICCA
VI = VCCI or GND,
IO = 0
3.6 V
0 V
10
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
VI = VCCI or GND,
IO = 0
0 V
3.6 V
10
µA
ICCB
VI = VCCI or GND,
IO = 0
3.6 V
0 V
−2
µA
ICCA ) ICCB
VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
µA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
Cio
A or B
ports
VO = 3.3 V or GND
3.3 V
3.3 V
6
pF
NOTES:
9. VCCO is the VCC associated with the output port.
10. VCCI is the VCC associated with the input port.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 11)
PARAMETER
FROM
TO
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
3.3
2.7
2.4
2.3
2.4
ns
tPHL
A
B
3.3
2.7
2.4
2.3
2.4
ns
tPLH
B
A
3.3
3.1
2.9
2.8
2.7
ns
tPHL
B
A
3.3
3.1
2.9
2.8
2.7
ns
tPHZ
DIR
A
5.1
5.2
5.3
5.2
3.7
ns
tPLZ
DIR
A
5.1
5.2
5.3
5.2
3.7
ns
tPHZ
DIR
B
5.3
4.3
4
3.3
3.7
ns
tPLZ
DIR
B
5.3
4.3
4
3.3
3.7
ns
tPZH†
DIR
A
8.5
6.9
6.4
5.5
6.1
ns
tPZL†
DIR
A
8.5
6.9
6.4
5.5
6.1
ns
tPZH†
DIR
B
8.3
7.8
7.7
7.5
5.9
ns
tPZL†
DIR
B
8.3
7.8
7.7
7.5
5.9
ns
† The enable time is a calculated value, derived using the formula shown in the enable times section, page 16.


Similar Part No. - SN74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
SN74AVCH1T45DBVR TI-SN74AVCH1T45DBVR Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
SN74AVCH1T45DBVT TI-SN74AVCH1T45DBVT Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
SN74AVCH1T45DCKR TI-SN74AVCH1T45DCKR Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
SN74AVCH1T45DCKT TI-SN74AVCH1T45DCKT Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com