Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS762 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ALS762
Description  OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS762 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS762 Datasheet HTML 1Page - Texas Instruments SN54ALS762 Datasheet HTML 2Page - Texas Instruments SN54ALS762 Datasheet HTML 3Page - Texas Instruments SN54ALS762 Datasheet HTML 4Page - Texas Instruments SN54ALS762 Datasheet HTML 5Page - Texas Instruments SN54ALS762 Datasheet HTML 6Page - Texas Instruments SN54ALS762 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54ALS762, SN54ALS763, SN54AS762,SN54AS763
SN74ALS762, SN74ALS763, SN74AS762, SNAS763
OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SDAS067A – DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
5BASIC
1
Package Options include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
’ALS762 and ’AS762 Have True and
Complementary Outputs
’ALS763 and ’AS763 Have Complementary
G and G Inputs
Open-Collector Outputs Drive Bus Lines or
Buffer Memory Address Registers
Eliminates the Need for 3-State Overlap
Protection
Current Sinking Capability Up to 64 mA
Dependable Texas Instruments Quality and
Reliability
description
These octal buffers and line drivers are designed
specifically to improve the performance of 3-state
memory address drivers, clock drivers, and
bus-oriented
receivers
and
transmitters
by
eliminating the need for 3-state overlap protection.
The
designer
has
a
choice
of
selected
combinations
of
inverting
and
noninverting
outputs, symmetrical G (active-low output control)
inputs, and complementary G and G inputs.
The - 1 versions of the SN74ALS’ parts are
identical to their standard versions except that the
recommended maximum IOL is increased to
48-mA. There are no - 1 versions of the SN54ALS’
parts.
The SN54’ family is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74’ family is characterized for
operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1G
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2G/2G
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54ALS’, SN54AS’ ...J PACKAGE
SN74ALS’, SN74AS’ . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ALS’, SN54AS’ . . . FK PACKAGE
(TOP VIEW)
†2G for ’ALS762, ’AS762 and 2G ’ALS763, ’AS763
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.


Similar Part No. - SN54ALS762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS762 TI1-SN54ALS762 Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN54ALS762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS760 TI1-SN54AS760_13 Datasheet
835Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756_07 Datasheet
549Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS760 TI-SN54AS760 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756 Datasheet
97Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS762 TI1-SN54ALS762 Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756_08 Datasheet
671Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760_07 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760_08 Datasheet
731Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN5407 TI1-SN5407_16 Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com