Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6513L Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6513L
Description  2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513L Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6513L Datasheet HTML 1Page - Monolithic Power Systems MP6513L Datasheet HTML 2Page - Monolithic Power Systems MP6513L Datasheet HTML 3Page - Monolithic Power Systems MP6513L Datasheet HTML 4Page - Monolithic Power Systems MP6513L Datasheet HTML 5Page - Monolithic Power Systems MP6513L Datasheet HTML 6Page - Monolithic Power Systems MP6513L Datasheet HTML 7Page - Monolithic Power Systems MP6513L Datasheet HTML 8Page - Monolithic Power Systems MP6513L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP6513L
– 2.5V - 5.5V, 0.6A, H-BRIDGE MOTOR DRIVER IN A TSOT23-6
MP6513L Rev. 1.1
www.MonolithicPower.com
4
12/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, TJ = -40°C to 125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating supply current
0.82
1.2
mA
Sleep mode supply current
IQ
IN1 = 0V, IN2 = 0V
200
nA
Under-voltage lockout threshold rising
2.2
2.45
V
Under-voltage lockout threshold hysteresis
200
mV
Input high voltage
VIH
1.75
V
Input low voltage
VIL
0.4
V
Input high current
IIH
VIN = 3.3V
50
μA
Input low current
IIL
VIN = 0V
-5
5
μA
Input pull-down resistance
RPD
100
HS switch on resistance
RDS(ON)
IO = 100mA,
TA = 25°C,
0.5
0.6
Ω
LS switch on resistance
RDS(ON)
IO = 100mA,
TA = 25°C,
0.5
0.6
Ω
Current limit
IOCP
1
2
A
OCP retry time
TOCR
0.85
ms
Sleep entry time
IN1 = 0V, IN2 = 0V
for 2ms
2
5
ms
Sleep recovery time
IN1 or IN2 or both =
high level
27
μs
Output enable time
T1
(6)
200
ns
Output disable time
T2
(6)
260
ns
Delay time
T3
(6)
INx high to OUTx
high
270
ns
T4
(6)
INx low to OUTx low
350
ns
Output rise time
30
220
ns
Output fall time
30
170
ns
Dead time
100
ns
Thermal shutdown threshold
(5)
TTSD
160
°C
Thermal shutdown hysteresis
(5)
25
°C
NOTES:
5) Guaranteed by design.
6) See Figure 1.


Similar Part No. - MP6513L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6513LGJ MPS-MP6513LGJ Datasheet
215Kb / 5P
   0.6A, 5.5V Full H-bridge Motor Driver Evaluation Board
More results

Similar Description - MP6513L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
   2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
EV6513L-J-00A MPS-EV6513L-J-00A Datasheet
215Kb / 5P
   0.6A, 5.5V Full H-bridge Motor Driver Evaluation Board
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com