Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C010A-20 Datasheet(PDF) 9 Page - Austin Semiconductor

Part # SMJ27C010A-20
Description  UVEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C010A-20 Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button SMJ27C010A-20 Datasheet HTML 3Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 4Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 5Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 6Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 7Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 8Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 9Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 10Page - Austin Semiconductor SMJ27C010A-20 Datasheet HTML 11Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UVEPROM
SMJ27C010A
Austin Semiconductor, Inc.
SMJ27C010A
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
ASI Case #114 (Package Designator J)
SMD 5962-89614, Case Outline X
e
b
b1
L
L1
A
MECHANICAL DEFINITION*
E
E1
b2
MIN
MAX
A
---
0.225
b
0.014
0.026
b1
0.045
0.065
b2
0.008
0.018
D
---
1.680
E
0.510
0.620
e
E1
L1
0.125
0.200
L
0.015
0.070
SYMBOL
SMD Specifications
0.100 BSC
0.600 BSC
NOTE: These dimensions are per the SMD. ASI's package dimensional limits
may differ, but they will be within the SMD limits.
*All measurements are in inches.
D
Pin 1


Similar Part No. - SMJ27C010A-20

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A-20JM AUSTIN-SMJ27C010A-20JM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - SMJ27C010A-20

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C256 AUSTIN-SMJ27C256 Datasheet
129Kb / 11P
   256K UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Sanyo Semicon Device
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com