Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3018KM Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SI-3018KM
Description  1 A, Low-Dropout, 1.8 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3018KM Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3018KM Datasheet HTML 1Page - Allegro MicroSystems SI-3018KM Datasheet HTML 2Page - Allegro MicroSystems SI-3018KM Datasheet HTML 3Page - Allegro MicroSystems SI-3018KM Datasheet HTML 4Page - Allegro MicroSystems SI-3018KM Datasheet HTML 5Page - Allegro MicroSystems SI-3018KM Datasheet HTML 6Page - Allegro MicroSystems SI-3018KM Datasheet HTML 7Page - Allegro MicroSystems SI-3018KM Datasheet HTML 8Page - Allegro MicroSystems SI-3018KM Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3018KM
1 A, Low-Dropout,
1.8 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, ≥22 µF). This is necessary either
when the input line includes inductance or when the wiring
is long.
Output Capacitor (C
O, ≥22 µF). This device is designed
for use with a very low ESR output capacitor such as a
ceramic capacitor. Output oscillation may occur with an
aluminum capacitor at low temperatures.
ENABLE Input. The ENABLE (control) input features
an internal pull-down resistor. Leaving this input open
causes the output to turn off.
Parallel Operation. Parallel operation to increase load
current is not permitted.
TYPICAL CHARACTERISTICS (cont.)
(VI = 2.5 V, TA = 25°C)
GND Pin Current
Increased Output Voltage. The output voltage (V
O)
may be increased by inserting a resistor (R
EXT) between
SENSE and OUTPUT. The current flowing into SENSE is
typically 90 µA ±30%. To minimize the effect of I
SENSE
and temperature on R
EXT, it is recommended that a 7.5 kΩ
resistor be added between SENSE and GND to increase the
current in R
EXT. The value of REXT is then
R
EXT = (VO – 1.8) × 10
6
/290


Similar Part No. - SI-3018KM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3018KS ETC-SI-3018KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3018KM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
    1 A, Low-Dropout, 1.0~16 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com