Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3002KWD Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. SI-3002KWD
Description  1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

SI-3002KWD Datasheet(HTML) 4 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SI-3002KWD
1 A, Low-Dropout,
Dual Output,
2.5 V & 3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
4
TYPICAL CHARACTERISTICS
(VI = 5.0 V, TA = 25°C)
Chan. 1 Dropout Voltage
Chan. 1 Low-Voltage Behavior
Chan. 1 Overcurrent Protection
Chan. 1 Line Regulation
Chan. 1 Load Regulation
Chan. 1 Transient Response


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn