Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3889 Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # 1N3889
Description  Silicon Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3889 Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  1N3889 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3889 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3889 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N3889 thru 1N3893R
Feb 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
2


Similar Part No. - 1N3889

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3889 MICROSEMI-1N3889 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3889 GENESIC-1N3889 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N3889

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FR85B05 GENESIC-FR85B05 Datasheet
737Kb / 3P
   Silicon Fast Recovery Diode
FR16K05 GENESIC-FR16K05 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR20A02 GENESIC-FR20A02 Datasheet
690Kb / 3P
   Silicon Fast Recovery Diode
1N3879 GENESIC-1N3879_16 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR6A02 GENESIC-FR6A02_16 Datasheet
768Kb / 3P
   Silicon Fast Recovery Diode
FR6A05 GENESIC-FR6A05_16 Datasheet
823Kb / 3P
   Silicon Fast Recovery Diode
FR30K05 GENESIC-FR30K05_16 Datasheet
682Kb / 3P
   Silicon Fast Recovery Diode
FR40B02 GENESIC-FR40B02_16 Datasheet
683Kb / 3P
   Silicon Fast Recovery Diode
FR85B05 GENESIC-FR85B05_16 Datasheet
751Kb / 3P
   Silicon Fast Recovery Diode
FR40B05 GENESIC-FR40B05_18 Datasheet
775Kb / 3P
   Silicon Fast Recovery Diode
FR12K05 GENESIC-FR12K05 Datasheet
728Kb / 3P
   Silicon Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com