Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6513TS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SG6513TS
Description  PC Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6513TS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SG6513TS Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 10Page - List of Unclassifed Manufacturers SG6513TS Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PC Power Supply Supervisors
SG6513/T
© System General Corp.
- 7 -
www.sg.com.tw
Version 1.0PN ( IRO33.0014.B0)
Aug.26,2003
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
-0.3
16
V
VI
Input Voltage
PSON, VS33, VS5, PGI
-0.3
8
V
FPO
-0.3
16
VOUT
Output Voltage
PGO
-0.3
8
V
PD
Power Dissipation
400
mW
TA
Operating Free Air Temperature
Range
-40
85
TSTG
Storage Temperature Range
-55
150
Soldering Temperature
260
ESD Capability, HBM model
5
KV
Note: Stresses above those listed may cause permanent damage to the device.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
4
15
V
Input Voltage
PSON, VS33, VS5, IS33, IS5,
PGI
7
VI
Input Voltage
VS12, IS12
15
V
FPO
15
VOUT
Output Voltage
PGO
7
V
FPO
20
IOSINK
Output Sink Current
PGO
10
mA
TR
Supply Voltage Rising Time
See Note
1
mS
IRI
Output Current RI
12.5
62.5
uA
Note: VDD rising and falling slew rate must be less than 14V/mS.
ELECTRICAL CHARACTERISTICS (VDD=12V, TA=25℃)
Over-voltage and Over-current Protection
Symbol
Parameter
Test Conditions Min.
Typ.
Max.
Unit
Over-voltage Protection VS33
3.9
4.1
4.3
Over-voltage Protection VS5
5.7
6.1
6.5
VOVP
Over-voltage Protection VS12
13.2
13.8
14.4
V
IREF
Ratio of current sense sink current to current
sense setting pin (RI) source current
RI = 30
ΚΩ,
0.1% Resistor
7.6
8
8.4
VOFFSET
OCP comparator input offset voltage
-5
5
mV
ILKG
Leakage Current (FPO)
V(FPO) = 5V
5
uA
VOL
Low Level Output Voltage (FPO)
Isink 20mA
0.7
V
TOVP
Timing OVP to Protection
33
75
110
uS
TOCP
Timing OCP to Protection
75
125
175
uS
VRI
Current Source Reference Voltage
1.1
1.15
1.2
V


Similar Part No. - SG6513TS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG6510 MICROSEMI-SG6510 Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
logo
List of Unclassifed Man...
SG6510D1 ETC1-SG6510D1 Datasheet
237Kb / 10P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6510D1 FAIRCHILD-SG6510D1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
SG6510DZ1 FAIRCHILD-SG6510DZ1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
Microsemi Corporation
SG6510F MICROSEMI-SG6510F Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
More results

Similar Description - SG6513TS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com