Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA12620 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA12620
Description  ~50째 wide beam optimized for CREE XM-L. Assembly with white holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA12620 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA12620_18 Datasheet HTML 1Page - Ledil, Inc. FA12620_18 Datasheet HTML 2Page - Ledil, Inc. FA12620_18 Datasheet HTML 3Page - Ledil, Inc. FA12620_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA12620_CXM-W
CXM-W
~50° wide beam optimized for CREE XM-L.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-C-C-W-V4
Lens
PC
clear
ROSE-HLD-CXM-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 29/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA12620_18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA12620 CREE-FA12620 Datasheet
265Kb / 6P
   Rose series
More results

Similar Description - FA12620_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11909 LEDIL-FA11909_18 Datasheet
3Mb / 4P
   ~11째 spot beam optimized for CREE XM-L. Assembly with white holder.
FA11911 LEDIL-FA11911_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for CREE XM-L. Assembly with white holder.
FA11910 LEDIL-FA11910_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for CREE XM-L. Assembly with white holder.
FA11908 LEDIL-FA11908_18 Datasheet
3Mb / 4P
   ~15째 smooth spot beam optimized for CREE XM-L. Assembly with white holder.
CP12200 LEDIL-CP12200 Datasheet
1Mb / 4P
   ~55째 wide beam optimized for CREE XM-L
CP12199 LEDIL-CP12199 Datasheet
1Mb / 4P
   ~40째 wide beam optimized for CREE XM-L
FA11912 LEDIL-FA11912_18 Datasheet
3Mb / 4P
   ~45째 x 15째 oval beam optimized for CREE XM-L. Assembly with white holder.
FCN12103 LEDIL-FCN12103 Datasheet
1Mb / 5P
   ~5째 spot beam with holder optimized for CREE XM-L
FA10708 LEDIL-FA10708_18 Datasheet
5Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with black holder.
FA10714 LEDIL-FA10714 Datasheet
5Mb / 4P
   ~50째 wide beam optimized for CREE MC-E. Assembly with black holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com