Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F16008 Datasheet(PDF) 6 Page - Ledil, Inc.

Part # F16008
Description  ~60째 wide beam
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16008 Datasheet(HTML) 6 Page - Ledil, Inc.

  F16008 Datasheet HTML 1Page - Ledil, Inc. F16008 Datasheet HTML 2Page - Ledil, Inc. F16008 Datasheet HTML 3Page - Ledil, Inc. F16008 Datasheet HTML 4Page - Ledil, Inc. F16008 Datasheet HTML 5Page - Ledil, Inc. F16008 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCT
DATASHEET
F16008_FLORENCE2-Z60
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 29/03/2018
Subject to change without prior notice
6/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F16008

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16000 LEDIL-F16000 Datasheet
3Mb / 9P
   Asymmetric beam for wall washing and 0.5 mm metal sheet or profile
F16002 LEDIL-F16002 Datasheet
1Mb / 23P
   Mirella Reflector
F16002 LEDIL-F16002 Datasheet
5Mb / 7P
   ~50째 wide beam compatible with LEDiL HEKLA
F16002 LEDIL-F16002_18 Datasheet
5Mb / 7P
   ~50째 wide beam compatible with LEDiL HEKLA
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
   Florence Lens array
More results

Similar Description - F16008

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
   ~60째 wide beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
   ~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
   ~60째 wide beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
   ~60째 wide beam
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
   ~60째 wide beam
C16826 LEDIL-C16826 Datasheet
2Mb / 6P
   ~60째 wide beam
C12502 LEDIL-C12502 Datasheet
5Mb / 7P
   ~60째 wide beam
C16822 LEDIL-C16822 Datasheet
2Mb / 6P
   ~60째 wide beam
CA12589 LEDIL-CA12589 Datasheet
11Mb / 8P
   ~60째 wide beam
C13555 LEDIL-C13555 Datasheet
9Mb / 7P
   ~60째 wide beam
CS16511 LEDIL-CS16511 Datasheet
6Mb / 5P
   ~60째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com