Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1913DH Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI1913DH
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1913DH Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1913DH Datasheet HTML 1Page - Vishay Siliconix SI1913DH Datasheet HTML 2Page - Vishay Siliconix SI1913DH Datasheet HTML 3Page - Vishay Siliconix SI1913DH Datasheet HTML 4Page - Vishay Siliconix SI1913DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si1913DH
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71965
S-21482—Rev. A, 26-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-0.15
-0.10
-0.05
-0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
150
ID = 100 mA
1.0
1.2
0.0
0.4
0.8
1.2
1.6
0
1234
5
0.1
1
2
ID = 0.88 A
0
0.2
0.6
0.8
Threshold Voltage
TJ - Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
1
5
Single Pulse Power, Junction-to-Ambient
Time (sec)
3
4
1
600
10
0.1
0.01
TJ = 25_C
2
TJ = 150_C
0.4
100
Safe Operating Area, Junction-to-Ambient
10
1
0.1
1
10
100
0.01
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
VDS - Drain-to-Source Voltage (V)
IDM Limited


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7911DNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3909DVDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9953DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3911DVDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6875DQDual P-Channel 20-V D-S MOSFET Common Drain 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn