Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1913DH Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI1913DH
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1913DH Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1913DH Datasheet HTML 1Page - Vishay Siliconix SI1913DH Datasheet HTML 2Page - Vishay Siliconix SI1913DH Datasheet HTML 3Page - Vishay Siliconix SI1913DH Datasheet HTML 4Page - Vishay Siliconix SI1913DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si1913DH
Vishay Siliconix
New Product
Document Number: 71965
S-21482—Rev. A, 26-Aug-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.4
0.8
1.2
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01234
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
40
80
120
160
0
246
8
10
12
VGS = 5 thru 3 .5V
25
_C
TC = -55_C
Crss
Coss
Ciss
VDS = 10 V
ID = 0.9 A
VGS = 4.5 V
ID = 0.88 A
VGS = 4.5 V
VGS = 2.5 V
125
_C
1.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VGS = 1.8 V
2 V
2.5 V
1 V
3 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7911DNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3909DVDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9953DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3911DVDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6875DQDual P-Channel 20-V D-S MOSFET Common Drain 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn