Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI1913DH Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI1913DH
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1913DH Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1913DH Datasheet HTML 1Page - Vishay Siliconix SI1913DH Datasheet HTML 2Page - Vishay Siliconix SI1913DH Datasheet HTML 3Page - Vishay Siliconix SI1913DH Datasheet HTML 4Page - Vishay Siliconix SI1913DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 1.8-V Rated
D Thermally Enhanced SC-70 Package
APPLICATIONS
D Load Switching
D PA Switch
D Level Switch
Si1913DH
Vishay Siliconix
New Product
Document Number: 71965
S-21482—Rev. A, 26-Aug-02
www.vishay.com
1
Dual P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.490 @ VGS = -4.5 V
-1.0
-20
0.750 @ VGS = -2.5 V
- 0.81
1.10 @ VGS = -1.8 V
- 0.67
Marking Code
DC
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
D2
S2
G2
D1
S1
G1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
"8
V
_ a
TA = 25_C
- 1.0
-0.88
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
- 0.72
-0.63
Pulsed Drain Current
IDM
-3
A
Continuous Diode Current (Diode Conduction)a
IS
-0.61
-0.48
TA = 25_C
0.74
0.57
Maximum Power Dissipationa
TA = 85_C
PD
0.38
0.30
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
130
170
Maximum Junction-to-Ambienta
Steady State
RthJA
170
220
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4943DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7911DN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4913DY Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI7901EDN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI8435DB Dual P-Channel 20-V D-S MOSFET 1  2  3  Vaishali Semiconductor
SI9933ADY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3909DV Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI9953DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3911DV Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI6875DQ Dual P-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn