Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4914VB6M24D0CA4 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PFM4914VB6M24D0CA4
Description  Isolated AC-DC Converter with PFC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4914VB6M24D0CA4 Datasheet(HTML) 5 Page - Vicor Corporation

  PFM4914VB6M24D0CA4 Datasheet HTML 1Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 2Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 3Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 4Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 5Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 6Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 7Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 8Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PFMin a VIA Package
Rev 1.0
Page 5 of 26
11/2017
PFM4914xB6M24D0yAz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input Voltage +IN to –IN
1ms max
0
600
VPK
Input Voltage (+IN to –IN)
Continuous, Rectified
0
275
VRMS
Output Voltage (+OUT to –OUT)
–0.5
29
VDC
Output Current
0.0
24.7
A
Screw Torque
4 mounting, 2 input, 2 output
4 [0.45]
N.m [in.lbs]
Operating Junction Temperature
T-Grade
–40
125
°C
Storage Temperature
T-Grade
–65
125
°C
Dielectric Withstand *
See note below
Input – Case
Basic insulation
2121
VDC
Input – Output
Reinforced insulation
(Internal ChiP™ tested at 4242VDC prior to assembly.)
2121
VDC
Output – Case
Functional insulation
707
VDC
Case Temperature (°C)
Current
Power
0
100
200
300
400
500
0.00
4.00
8.00
12.00
16.00
20.00
-60
-40
-20
0
20
40
60
80
100
* Please see Dielectric Withstand section. See page 20.
Safe Operating Area


Similar Part No. - PFM4914VB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4914VB6M48D0CA0 VICOR-PFM4914VB6M48D0CA0 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0CA4 VICOR-PFM4914VB6M48D0CA4 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0CA8 VICOR-PFM4914VB6M48D0CA8 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0TA0 VICOR-PFM4914VB6M48D0TA0 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0TA4 VICOR-PFM4914VB6M48D0TA4 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4914VB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M24D0YAZ VICOR-PFM4414XB6M24D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YAZ VICOR-PFM4414XB6M48D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com