Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4914VB6M24D0CA4 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PFM4914VB6M24D0CA4
Description  Isolated AC-DC Converter with PFC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4914VB6M24D0CA4 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PFM4914VB6M24D0CA4 Datasheet HTML 10Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 11Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 12Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 13Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 14Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 15Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 16Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 17Page - Vicor Corporation PFM4914VB6M24D0CA4 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
PFMin a VIA Package
Rev 1.0
Page 14 of 26
11/2017
PFM4914xB6M24D0yAz
General Characteristics
Specifications apply over all line and load conditions, 50Hz and 60Hz line frequencies, TC = 25°C, unless otherwise noted; boldface specifications apply over
the temperature range of the specified Product Grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Mechanical
Length
L
124.8 [4.91]
mm [in]
Width
W
35.5 [1.40]
mm [in]
Height
H
9.3 [0.37]
mm [in]
Volume
Vol
Without heatsink
42.0 [2.56]
cm3 [in3]
Weight
W
156 [5.5]
g [oz]
Pin Material
C145 copper, half hard
Underplate
Low stress ductile nickel
50
100
µin
Pin Finish
Palladium
0.8
6
µin
Soft Gold
0.12
2
µin
Thermal
Operating Case Temperature
TC
C-Grade, see derating curve in SOA
–20
100
°C
T-Grade, see derating curve in SOA
–40
100
°C
Thermal Resistance,
Junction to Case, Top
RJC_TOP
1.43
°C/W
Thermal Resistance,
Junction to Case, Bottom
RJC_BOT
1.85
°C/W
Coupling Thermal Resistance,
Top to Bottom of Case, Internal
RHOU
0.36
°C/W
Shell Thermal Capacity
32
J/K
Thermal Design
See Thermal Considerations on Page 19
Assembly
ESD Rating
ESDHBM
Human Body Model,
JEDEC JESD 22-A114C.01
1,000
V
ESDMM
Machine Model,
JEDEC JESD 22-A115B
N/A
ESDCDM
Charged Device Model,
JEDEC JESD 22-C101D
200
Safety
Agency Approvals / Standards
cTÜVus; EN 60950-1
cURus; UL 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Touch Current measured in accordance with IEC
60990 using measuring network Figure 3 (PFM in a
VIA™ package only)
0.5
mA


Similar Part No. - PFM4914VB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4914VB6M48D0CA0 VICOR-PFM4914VB6M48D0CA0 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0CA4 VICOR-PFM4914VB6M48D0CA4 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0CA8 VICOR-PFM4914VB6M48D0CA8 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0TA0 VICOR-PFM4914VB6M48D0TA0 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914VB6M48D0TA4 VICOR-PFM4914VB6M48D0TA4 Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4914VB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M24D0YAZ VICOR-PFM4414XB6M24D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YAZ VICOR-PFM4414XB6M48D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com