Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414VB6M48D0TB0 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PFM4414VB6M48D0TB0
Description  Isolated AC-DC Converter with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414VB6M48D0TB0 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PFM4414VB6M48D0TB0 Datasheet HTML 6Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 7Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 8Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 9Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 10Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 11Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 12Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 13Page - Vicor Corporation PFM4414VB6M48D0TB0 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PFMin a VIA™ Package
Rev 1.0
Page 10 of 25
05/2018
PFM4414xB6M48D0yBz
Application Characteristics
Input Line Voltage
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
85
105
125
145
165
185205
225
245
265
25°C
–40°C
80°C
Figure 1 — Full load efficiency vs. line voltage
Input Line Voltage
2
4
6
8
10
12
85
105
125
145
165
185205
225245
265
25°C
-40°C
80°C
Figure 2 — Typical no load power dissipation vs. VIN,
module enabled
230V, 50Hz
1/3x EN61000-3-2, Class A
EN61000-3-2, Class D
0
100
200
300
400
500
600
700
800
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Figure 3 — Typical input current harmonics, full load vs. VIN using
typical applications circuit on pages 2 & 3
Figure 5 — Typical switching frequency output voltage ripple
waveform, TCASE = 30ºC, VIN = 230V, IOUT = 8.3A, no
external ceramic capacitance, 20MHz BW
Output Power (W)
120V/60Hz
230V/50Hz
100V/50Hz
V
IN:
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
0
100
200
300
400
Figure 4 — Typical power factor vs. VIN and IOUT using
typical applications circuit on pages 2 & 3
Figure 6 — Typical line frequency output voltage ripple waveform,
TCASE = 30ºC, VIN = 230V, IOUT = 8.3A,
COUT = 10,000µF. 20MHz BW


Similar Part No. - PFM4414VB6M48D0TB0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414VB6M48D0T00 VICOR-PFM4414VB6M48D0T00 Datasheet
869Kb / 23P
   Two temperature grades including operation to -40째C
PFM4414VB6M48D0T04 VICOR-PFM4414VB6M48D0T04 Datasheet
869Kb / 23P
   Two temperature grades including operation to -40째C
PFM4414VB6M48D0T08 VICOR-PFM4414VB6M48D0T08 Datasheet
869Kb / 23P
   Two temperature grades including operation to -40째C
PFM4414VB6M48D0TA0 VICOR-PFM4414VB6M48D0TA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0TA4 VICOR-PFM4414VB6M48D0TA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414VB6M48D0TB0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M24D0YAZ VICOR-PFM4414XB6M24D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M24D0YAZ VICOR-PFM4914XB6M24D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YAZ VICOR-PFM4414XB6M48D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com