Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414BB6M24D0CA4 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PFM4414BB6M24D0CA4
Description  Isolated AC-DC Converter with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M24D0CA4 Datasheet(HTML) 3 Page - Vicor Corporation

  PFM4414BB6M24D0CA4 Datasheet HTML 1Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 2Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 3Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 4Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 5Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 6Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PFM™ in a VIA Package
Rev 1.0
Page 3 of 25
11/2017
PFM4414xB6M24D0yAz
VIA™ PFM
+IN
–IN
+OUT
–OUT
Fan
Relays
Coin Box
Controller
Dispensors
24V
16
8
8
J
1
85 –
264V
AC
M
1
AIM™
VIA
F
1
M
2
+OUT
–OUT
L
N
MOV
+
C
1
+
C
2
+
C
3
Typical Chassis Mount Applications
The PFM in a VIA package is available in Chassis Mount option, saving the cost of a PCB and allowing access to both sides of the power
supply for cooling. The parts list below minimizes the number of interconnects required between necessary components, and selects
components with terminals traditionally used for point to point chassis wiring.
Parts List for Typical Chassis Mount Applications
J1
Qualtek 719W or 723W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8A 250 VAC 5 x 20mm in J1, or separate fuse holder
M1
Vicor AIM™ AIM1714VB6MC7D5y00
M2
Vicor PFM™ PFM4414VB6M24D0y00
C1, C2, C3
Nichicon LNT1V153MSE 15,000µF 35V 5.1A 35 x 83mm screw terminal
or
C1
Kemet ALS30A473KE040 47,000µF 40V 14.2A 51 x 84mm screw terminal
MOV
Littelfuse TMOV20RP300E VARISTOR 10kA 300V 250J 20mm


Similar Part No. - PFM4414BB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414BB6M24D0C04 VICOR-PFM4414BB6M24D0C04 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414BB6M24D0C08 VICOR-PFM4414BB6M24D0C08 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
More results

Similar Description - PFM4414BB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M24D0YAZ VICOR-PFM4914XB6M24D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YAZ VICOR-PFM4414XB6M48D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com