Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414BB6M24D0CA4 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PFM4414BB6M24D0CA4
Description  Isolated AC-DC Converter with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M24D0CA4 Datasheet(HTML) 1 Page - Vicor Corporation

  PFM4414BB6M24D0CA4 Datasheet HTML 1Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 2Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 3Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 4Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 5Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 6Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M24D0CA4 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
S
NRTL
CUS
C
US
®
PFM™ in a VIA Package
Rev 1.0
Page 1 of 25
11/2017
PFM™ in a VIA Package
AC-DC Converter
Isolated AC-DC Converter with PFC
PFM4414xB6M24D0yAz
Features & Benefits
Universal input (85 – 264VAC)
24V output, regulated, isolated
400W maximum power
High efficiency
Built-in EMI filtering
Chassis mount or board mount packaging options
Always-on, self-protecting converter control architecture
SELV Output
Two temperature grades including operation to –40°C
Robust package
Versatile thermal management
Safe and reliable secondary-side energy storage
High MTBF
140W/in3 power density
4414 package
AC Input Front-End Module provides external rectification
and transient protection (VIA AIM™ sold separately)
Typical Applications
Small cell base stations
Telecom switching equipment
LED lighting
Industrial power systems
Product Description
The PFM in a VIA™ Package is a highly advanced 400W AC-DC
converter operating from a rectified universal AC input which
delivers an isolated and regulated Safety Extra Low Voltage (SELV)
24V secondary output.
This unique, ultra-low profile module incorporates AC-DC
conversion, integrated filtering and transient surge protection in a
chassis mount or PCB mount form factor.
The PFM enables a versatile two-sided thermal strategy which
greatly simplifies thermal design challenges.
When combined with downstream Vicor DC-DC conversion
components and regulators, the PFM allows the Power Design
Engineer to employ a simple, low-profile design which will
differentiate his end-system without compromising on cost or
performance metrics.
Size:
4.35 x 1.40 x .37in
110.6 x 35.5 x 9.3mm
Part Ordering Information
Product
Function
Package
Length
Package
Width
Package
Type
Input
Voltage
Range
Ratio
Output
Voltage
(Range)
Max
Output
Power
Product Grade
Option Field
PFM
44
14
x
B6
M
24
D0
y
z
z
PFM =
Power Factor
Module
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = –20 to 100°C
T = –40 to 100°C
A0 = Chassis/Always On
A4 = Short Pin/Always On
A8 = Long Pin/Always On
Product Ratings
VIN = 85 – 264V
POUT = up to 400W
VOUT = 24V
IOUT = 16.7A
Shown with required
companion component,
VIA AIM™
(see pages 2-3)


Similar Part No. - PFM4414BB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414BB6M24D0C04 VICOR-PFM4414BB6M24D0C04 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414BB6M24D0C08 VICOR-PFM4414BB6M24D0C08 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
More results

Similar Description - PFM4414BB6M24D0CA4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M24D0YAZ VICOR-PFM4914XB6M24D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YAZ VICOR-PFM4414XB6M48D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com