Electronic Components Datasheet Search |
|
PFM4414BB6M48D0CA0 Datasheet(PDF) 6 Page - Vicor Corporation |
|
PFM4414BB6M48D0CA0 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 25 page PFM™ in a VIA Package Rev 1.0 Page 6 of 25 11/2017 PFM4414xB6M48D0yAz Electrical Specifications Specifications apply over all line and load conditions, 50Hz and 60Hz line frequencies, TJ = 25°C, unless otherwise noted; boldface specifications apply over the temperature range of the specified product grade. COUT is 10,000µF ±20% unless otherwise specified. Attribute Symbol Conditions / Notes Min Typ Max Unit Power Input Specification Input Voltage Range, Continuous Operation VIN 85 264 VRMS Input Voltage Range, Transient, Non-Operational (Peak) VIN 1ms 600 V Input Current (Peak) IINRP See Figure 8, Startup Waveforms 12 A Source Line Frequency Range fline 47 63 Hz Power Factor PF Input power >200W 0.96 - Input Inductance, Maximum LIN Differential mode inductance, common mode inductance may be higher. See section “Source Inductance Considerations” on page 15. 1 mH Input Capacitance, Maximum CIN After AIM™, between +IN and –IN 1.5 µF No Load Specification Input Power – No Load, Maximum PNL 15 W Power Output Specification Output Voltage Set Point VOUT VIN = 230VRMS, 100% load 46 48 50 V Output voltage, No Load VOUT-NL Over all operating steady state line conditions. 42 54 V Output Voltage Range (Transient) VOUT Non-faulting abnormal line and load transient conditions 30 57.6 V Output Power POUT See SOA on Page 5 400 W Efficiency η VIN = 230V, full load, exclusive of AIM losses 90.5 92.4 % 85V < VIN < 264V, full load, exclusive of AIM losses 90.0 92.1 % 85V < VIN < 264V, full load, exclusive of AIM losses 88.5 91.7 % Output Voltage Ripple, Switching Frequency VOUT-PP-HF Over all operating steady-state line and load conditions, 20MHz BW, measured at output, Figure 5 200 2000 mV Output Voltage Ripple Line Frequency VOUT-PP-LF Over all operating steady-state line and load conditions, 20MHz BW 3.0 7.0 V Output Capacitance (External) COUT-EXT Allows for ±20% capacitor tolerance 6800 15000 µF Output Turn-On Delay TON From VIN applied 500 1000 ms Start Up Setpoint Aquisition Time TSS Full load 500 1000 ms Cell Reconfiguration Response Time TCR Full load 5.5 11 ms Voltage Deviation (Transient) %VOUT-TRANS –37.5 20 % Recovery Time TTRANS 300 600 ms Line Regulation %VOUT-LINE Full load 3 % Load Regulation %VOUT-LOAD 10% to 100% load 3 % Output Current (Continuous) IOUT SOA 8.33 A Output Current (Transient) IOUT-PK 20ms duration, average power ≤POUT, max 12.5 A |
Similar Part No. - PFM4414BB6M48D0CA0 |
|
Similar Description - PFM4414BB6M48D0CA0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |