Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414XB6M48D0YAZ Datasheet(PDF) 2 Page - Vicor Corporation

Part # PFM4414XB6M48D0YAZ
Description  Isolated AC-DC Converter with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414XB6M48D0YAZ Datasheet(HTML) 2 Page - Vicor Corporation

  PFM4414XB6M48D0YAZ Datasheet HTML 1Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 2Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 3Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 4Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 5Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 6Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 7Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 8Page - Vicor Corporation PFM4414XB6M48D0YAZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PFMin a VIA Package
Rev 1.0
Page 2 of 25
11/2017
PFM4414xB6M48D0yAz
48V 5A
3.3V 10A
1.8V 8A
Cool-Power®
ZVS Buck
2 x Cool-Power®
ZVS Buck
+
_
+
_
+
_
VIA™ PFM
+IN
–IN
+OUT
–OUT
48V
++
+
C
1
C
2
C
3
M
1
J
1
85 –
264V
AC
+OUT
–OUT
AIM™
VIA
M
2
F
1
L
N
MOV
Typical PCB Mount Applications
The PCB terminal option allows mounting on an industry standard printed circuit board, with two different pin lengths. Vicor offers a
variety of downstream DC-DC converters driven by the 48V output of the PFM in a VIA package. The 48V output is usable directly by loads
that are tolerant of the PFC line ripple, such as fans, motors, relays, and some types of lighting. Use downstream DC-DC Point of Load
converters where more precise regulation is required.
Parts List for Typical PCB Mount Applications
J1
Qualtek 703W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8A 250VAC 5 x 20mm holder
M1
Vicor AIM™ AIM1714BB6MC7D5yzz
M2
Vicor PFM™ PFM4414BB6M48D0yzz
C1
Nichicon UVR1J472MRD 4700µF 63V 3.4A 22 x 50mm bent 90° x 2 pcs
or
CDE 380LX472M063K022 4700µF 63V 4.9A 30 x 30mm snap x 2 pcs
or
Sic Safco Cubisic LP A712121 10,000µF 63V 6.4A 45 x 75 x 12mm rectangular
or
CDE MLPGE1571 6800µF 63V 5.2A 45 x 50 x 12.5mm, 1 or 2pcs.
MOV
Littelfuse TMOV20RP300E VARISTOR 10kA 300V 250J 20mm


Similar Part No. - PFM4414XB6M48D0YAZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YZZ VICOR-PFM4414XB6M48D0YZZ Datasheet
869Kb / 23P
   Always-on, self-protecting converter control architecture
More results

Similar Description - PFM4414XB6M48D0YAZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PF175B480C033FP-00 VICOR-PF175B480C033FP-00 Datasheet
1Mb / 20P
   Isolated AC-DC Converter with PFC
PFM4414XB6M48D0YBZ VICOR-PFM4414XB6M48D0YBZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414XB6M24D0YAZ VICOR-PFM4414XB6M24D0YAZ Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4914XB6M24D0YAZ VICOR-PFM4914XB6M24D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
PFM4914XB6M48D0YAZ VICOR-PFM4914XB6M48D0YAZ Datasheet
1Mb / 26P
   Isolated AC-DC Converter with PFC
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com