Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2466 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # PEB2466
Description  Four Channel Codec Filter with PCM and Microcontroller Interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2466 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button PEB2466 Datasheet HTML 51Page - Infineon Technologies AG PEB2466 Datasheet HTML 52Page - Infineon Technologies AG PEB2466 Datasheet HTML 53Page - Infineon Technologies AG PEB2466 Datasheet HTML 54Page - Infineon Technologies AG PEB2466 Datasheet HTML 55Page - Infineon Technologies AG PEB2466 Datasheet HTML 56Page - Infineon Technologies AG PEB2466 Datasheet HTML 57Page - Infineon Technologies AG PEB2466 Datasheet HTML 58Page - Infineon Technologies AG PEB2466 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
PEB 2466
PEF 2466
Electrical Characteristics and Timing Diagrams
Hardware Reference Manual
46
2001-02-20
8
Electrical Characteristics and Timing Diagrams
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
8.1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
V
DD referred to GNDD
–0.3
7.0
V
GNDA to GNDD
–0.6
0.6
V
Analog input and output voltage
Referred to
V
DD = 5 V;
Referred to GNDA = 0 V
–5.3
–0.3
0.3
5.3
V
V
All digital input voltages
Referred to GNDD = 0 V; (
V
DD =5V)
Referred to
V
DD = 5 V; (GNDD = 0 V)
–0.3
–5.3
5.3
0.3
V
V
DC input and output current at any input
or output pin (free from latch-up)
10
mA
Storage temperature
T
STG
–60
125
°C
Ambient temperature under bias
T
A
–10
80
°C
Power dissipation (package)
P
D
1W


Similar Part No. - PEB2466

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
   Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
PEB2466-HV1.2 SIEMENS-PEB2466-HV1.2 Datasheet
3Mb / 82P
   Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
More results

Similar Description - PEB2466

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
   Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
   FOUR-CHANNEL PCM CODEC
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
   PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com