Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W06 Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # 2W06
Description  2.0 A Single-Phase Silicon Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

2W06 Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  2W06 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. 2W06 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves
2W005 thru 2W10
Fig. 1 Derating Curve for
Output Rectified Current
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 5 Typical Junction Capacitance
( TA=25 C Unless otherwise noted )
Number of Cycles at 60Hz
Instantaneous Forward
Voltage, Volts
Reverse Voltage, Volts
0
1.0
2.0
50
100
20
40
50
60
1
10
100
.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
100
1
1.5 2
10
100
30
10
25
75
125
150
60Hz Resistive of
Inductive Load
0
10
1.5
0.5
8.3ms
Single half-sine-Wave
[JEDEC Method]
Tj=25 C
Pulse Width=300us
Tj=25 C
f=1.0MHz
Fig. 4 Typical Reverse
Characteristics
Percent of Rated Peak Reverse
Voltage, %
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
100
Tj=25 C
Tj=125 C
Case Temperature, C


Similar Part No. - 2W06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W06 WTE-2W06 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
2W06 TSC-2W06 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
SynSemi, Inc.
2W06 SYNSEMI-2W06 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Jinan Gude Electronic D...
2W06 JGD-2W06 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
2W06 FCI-2W06 Datasheet
124Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - 2W06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
   2.0 A Single-Phase Silicon Bridge Rectifier
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
   2.0 A Single-Phase Silicon Bridge Rectifier
logo
Gaomi Xinghe Electronic...
KBP2005 GXELECTRONICS-KBP2005 Datasheet
870Kb / 2P
   2.0 A Single-Phase Silicon Bridge Rectifier
logo
First Components Intern...
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
   2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
   Single Phase Bridge Rectifier 2.0 Amp
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
   4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
logo
Shenzhen Yixinwei Techn...
KBL6005 YIXIN-KBL6005 Datasheet
135Kb / 2P
   6.0 A Single-Phase Silicon Bridge Rectifier
logo
First Components Intern...
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Shenzhen Yixinwei Techn...
KBU8005 YIXIN-KBU8005 Datasheet
127Kb / 2P
   8.0 A Single-Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com