Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8002B Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8002B
Description  Compact Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8002B Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8002B Datasheet HTML 14Page - Renesas Technology Corp ISL8002B Datasheet HTML 15Page - Renesas Technology Corp ISL8002B Datasheet HTML 16Page - Renesas Technology Corp ISL8002B Datasheet HTML 17Page - Renesas Technology Corp ISL8002B Datasheet HTML 18Page - Renesas Technology Corp ISL8002B Datasheet HTML 19Page - Renesas Technology Corp ISL8002B Datasheet HTML 20Page - Renesas Technology Corp ISL8002B Datasheet HTML 21Page - Renesas Technology Corp ISL8002B Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ISL8002B
FN8690 Rev 3.00
Page 20 of 22
October 28, 2016
Output Capacitor Selection
An output capacitor is required to filter the inductor current.
Output ripple voltage and transient response are two critical
factors when considering output capacitance choice. The current
mode control loop allows for the use of low ESR ceramic
capacitors and thus smaller board layout. Electrolytic and
polymer capacitors may also be used.
Additional consideration applies to ceramic capacitors. While
they offer excellent overall performance and reliability, the actual
in-circuit capacitance must be considered. Ceramic capacitors
are rated using large peak-to-peak voltage swings and with no DC
bias. In the DC/DC converter application, these conditions do not
reflect reality. As a result, the actual capacitance may be
considerably lower than the advertised value. Consult the
manufacturers datasheet to determine the actual in-application
capacitance. Most manufacturers publish capacitance vs DC bias
so that this effect can be easily accommodated. The effects of
AC voltage are not frequently published, but an assumption of
~20% further reduction will generally suffice. The result of these
considerations can easily result in an effective capacitance 50%
lower than the rated value. Nonetheless, they are a very good
choice in many applications due to their reliability and extremely
low ESR.
Equations 6 and 7 allow calculation of the required capacitance
to meet a desired ripple voltage level. Additional capacitance
may be used.
For the ceramic capacitors (low ESR) =
where
I is the inductor’s peak-to-peak ripple current, fSW is the
switching frequency and COUT is the output capacitor.
If using electrolytic capacitors then:
Regarding transient response needs, a good starting point is to
determine the allowable overshoot in VOUT if the load is suddenly
removed. In this case, energy stored in the inductor will be
transferred to COUT causing its voltage to rise. After calculating
capacitance required for both ripple and transient needs, choose
the larger of the calculated values. Equation 8 determines the
required output capacitor value in order to achieve a desired
overshoot relative to the regulated voltage.
where VOUTMAX/VOUT is the relative maximum overshoot
allowed during the removal of the load. For an overshoot of 5%,
Equation 8 becomes Equation 9
Layout Considerations
The PCB layout is a very important converter design step to make
sure the designed converter works well. The power loop is
composed of the output inductor L’s, the output capacitor COUT,
the PHASE’s pins and the PGND pin. It is necessary to make the
power loop as small as possible and the connecting traces
among them should be direct, short, and wide. The switching
node of the converter, the PHASE pins, and the traces connected
to the node are very noisy, so keep the voltage feedback trace
away from these noisy traces. The input capacitor should be
placed as close as possible to the VIN pin and the ground of the
input and output capacitors should be connected as close as
possible. The heat of the IC is mainly dissipated through the
thermal pad. Maximizing the copper area connected to the
thermal pad is preferable. In addition, a solid ground plane is
helpful for better EMI performance. It is recommended to add at
least four vias ground connection within the pad for the best
thermal relief.
VOUTripple
I
8fSWCOUT
-------------------------------------
=
(EQ. 6)
VOUTripple I*ESR
=
(EQ. 7)
(EQ. 8)
COUT
IOUT2*L
VOUT2* VOUTMAX VOUT
2 1 
--------------------------------------------------------------------------------------------
=
COUT
IOUT2*L
VOUT
2
* 1.05
2 1
-----------------------------------------------------
=
(EQ. 9)


Similar Part No. - ISL8002B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8002B INTERSIL-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL8002BDEMO1Z INTERSIL-ISL8002BDEMO1Z Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL8002BFRZ-T INTERSIL-ISL8002BFRZ-T Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL8002BFRZ-T7A INTERSIL-ISL8002BFRZ-T7A Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL8002BIRZ-T INTERSIL-ISL8002BIRZ-T Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
More results

Similar Description - ISL8002B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023_12 Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
logo
Intersil Corporation
ISL8002B INTERSIL-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com