Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C951U472MVVDBA7317 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C951U472MVVDBA7317
Description  Ceramic, Safety, C900_V, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C951U472MVVDBA7317 Datasheet(HTML) 1 Page - Kemet Corporation

  C951U472MVVDBA7317 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 52ca72be-1f84-44b6-a13f-e9b9c23e8095
KEMET Part Number: C951U472MVVDBA7317
Ceramic, Safety, C900_V, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
Dimensions
D
12mm MAX
T
5.5mm MAX
S
10mm +/-1mm
LL
18mm +2/-0mm
F
0.55mm +/-0.1mm
Packaging Specifications
Packaging: Ammo, H0 = 18mm, Component
Pitch = 25.4mm +/-2mm
Packaging Quantity: 1000
General Information
Style: Radial Disc
Series: C900_V
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Safety Class: X1/Y1
Approvals: UL, ENEC, CSA
Halogen Free: Yes
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 20%
Voltage: 400 VAC (X), 400 VAC (Y)
Dielectric Withstanding
Voltage: 4,000 V
Temperature Range: -25/+125C
Temperature Coefficient: Y5V
Dissipation Factor: 5%
Insulation Resistance: 10 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C951U472MVVDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C951U472MUVDBA7317 KEMET-C951U472MUVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C951U472MVVDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C941U332MVVDBA7317 KEMET-C941U332MVVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 3300 pF, 20%, Y5V, Lead Spacing = 10mm
C921U222MVVDBA7317 KEMET-C921U222MVVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 2200 pF, 20%, Y5V, Lead Spacing = 10mm
C971U472MVWDBA7317 KEMET-C971U472MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 4700 pF, 20%, Y5U, Lead Spacing = 10mm
C951U472MUVDBA7317 KEMET-C951U472MUVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
C941U472MZVDBA7317 KEMET-C941U472MZVDBA7317_17 Datasheet
57Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
C911U102MVWDBA7317 KEMET-C911U102MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 1000 pF, 20%, Y5U, Lead Spacing = 10mm
C911U102MVWDAA7317 KEMET-C911U102MVWDAA7317 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_V, 1000 pF, 20%, Y5U, Lead Spacing = 10mm
C921U152MVWDBA7317 KEMET-C921U152MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 1500 pF, 20%, Y5U, Lead Spacing = 10mm
C931U222MVWDBA7317 KEMET-C931U222MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 2200 pF, 20%, Y5U, Lead Spacing = 10mm
C961U392MVWDBA7317 KEMET-C961U392MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 3900 pF, 20%, Y5U, Lead Spacing = 10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com