Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6273IRZ-T Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6273IRZ-T
Description  1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6273IRZ-T Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6273IRZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL6273IRZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL6273
FN9256 Rev 0.00
Page 5 of 12
March 7, 2006
FIGURE 7. SWITCHING FREQUENCY vs VIN
FIGURE 8. LINE REGULATION (IO = 1A)
FIGURE 9. LOAD REGULATION (VIN = 3.6V IN PWM MODE)
FIGURE 10. SOFT-START
FIGURE 11. PFM MODE (VIN = 3V; VO = 1.6V; IO = 50mA)
FIGURE 12. STEADY-STATE IN PWM MODE (VIN = 3.6V;
VO = 1.6V; IO = 1A)
Typical Operating Performance (Continued)
1.57
1.575
1.58
1.585
1.59
1.595
1.6
1.605
2.7
3.2
3.7
4.2
4.7
5.2
VIN (V)
1.6
1.602
1.604
1.606
1.608
1.61
2.7
3.7
4.7
VIN (V)
1.59
1.595
1.6
1.605
1.61
0
200
400
600
800
1000
IO (mA)


Similar Part No. - ISL6273IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6273IRZ-T INTERSIL-ISL6273IRZ-T Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL6273IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6273 INTERSIL-ISL6273 Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com