Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6273IRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6273IRZ
Description  1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6273IRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6273IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6273IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN9256 Rev 0.00
Page 1 of 12
March 7, 2006
FN9256
Rev 0.00
March 7, 2006
ISL6273
1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
DATASHEET
ISL6273 is a 1.2A, 1.5MHz step-down regulator, which is
ideal for powering low-voltage microprocessors in compact
devices such as PDAs and cellular phones. It is optimized
for generating low output voltages down to 0.8V. The supply
voltage range is from 2.7V to 5.5V allowing the use of a
single Li+ cell, three NiMH cells or a regulated 5V input. It
has guaranteed minimum output current of 1.2A. 1.5MHz
pulse-width modulation (PWM) switching frequency allows
using small external components. It has flexible operation
mode selection of forced PWM mode and low IQ mode with
as low as 25
A quiescent current for highest light load
efficiency to maximize battery life.
The ISL6273 includes a pair of low on-resistance P-channel
and N-channel internal MOSFETs to maximize efficiency and
minimize external component count. 100% duty-cycle
operation allows less than 200mV dropout voltage at 1.2A.
The ISL6273 offers a 200ms Power-On-Reset (POR) timer
at power up. The timer output can be reset by RSI. When
shutdown, ISL6273 discharges the output capacitor. Other
features include internal digital soft-start, enable for power
sequence, overcurrent protection, and thermal shutdown.
The ISL6273 is offered in a 10 Ld 3x3mm DFN package with
1mm maximum height. The complete converter occupies
less than 1 cm2 area.
Features
• High efficiency Synchronous Buck Regulator with up to
95% Efficiency
• 200ms Reset Timer
• Discharge Output Cap when Shutdown
• 2.7V to 5.5V Supply Voltage
• 3% Output Accuracy Over Temperature/Load/Line
• 1.2A Guaranteed Output Current
•25
A Quiescent Supply Current in IQ Mode
• Selectable Forced PWM Mode and IQ Mode
• Less than 1
A Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle for Lowest Dropout
• Internal Loop Compensation
• Internal Digital Soft-Start
• Peak Current Limiting, Short Circuit Protection
• Over-Temperature Protection
• Enable
• Small 10 Ld 3x3mm DFN
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Single Li-Ion Battery-Powered Equipment
• DSP Core Power
• PDAs and Palmtops
Pinout
ISL6273 (10 LD 3X3 DFN)
TOP VIEW
Ordering Information
PART
NUMBER
(NOTE)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6273IRZ
273Z
-40 to 85 10 Ld 3x3 DFN L10.3x3C
ISL6273IRZ-T 273Z
-40 to 85 10 Ld 3x3 DFN L10.3x3C
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
PVIN
VCC
EN
POR
MODE
PHASE
PGND
SGND
FB
RSI
2
3
4
1
5
9
8
7
10
6
NOT RECOM
MENDED FO
R NEW DESIG
NS
POSSIBLE S
UBSTITUTE
PRODUCT
ISL9106


Similar Part No. - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6273IRZ INTERSIL-ISL6273IRZ Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL6273IRZ-T INTERSIL-ISL6273IRZ-T Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6273 INTERSIL-ISL6273 Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com