Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXBP-615+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXBP-615+
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXBP-615+ Datasheet(HTML) 1 Page - Mini-Circuits

  SXBP-615+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151121
EDR-9159AUF1
SXBP-615+
URJ/RAV
161216
Page 1 of 1
50Ω
565 to 670 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXBP-615+
Bandpass Filter
Features
• high rejection
• flat group delay @ passband
• good VSWR, 1.3:1 typ @ passband
• shielded case
• aqueous washable
Applications
• mobile TV
• receivers / transmitters
• harmonic rejection
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Frequency Response
Functional Schematic
CENTER
PASSBAND
STOPBANDS (MHz)
VSWR (:1)
FREQ.
(MHz)
(MHz)
(Loss < 4dB)
Loss > 20dB
Loss > 40dB
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Typ.
Max.
Typ.
615
565 - 670
380
720
250
740 - 2300
1.3
1.9
20
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
93.98
3.00
0.01
555.0
5.20
250.0
52.72
0.29
0.05
560.0
5.27
380.0
29.65
0.41
0.25
565.0
5.30
430.0
17.34
0.64
0.80
570.0
5.32
450.0
11.22
0.78
1.85
580.0
5.33
470.0
5.30
0.60
6.58
590.0
5.36
565.0
1.43
0.04
12.98
600.0
5.45
580.0
1.30
0.02
17.97
610.0
5.68
615.0
1.42
0.05
22.32
615.0
5.84
640.0
1.74
0.08
18.33
620.0
5.99
670.0
2.58
0.08
12.75
630.0
6.21
690.0
6.56
1.62
7.05
640.0
6.63
700.0
13.84
2.34
3.07
650.0
7.32
710.0
22.42
2.46
1.95
660.0
8.19
720.0
31.31
2.80
1.46
670.0
9.71
740.0
53.80
3.72
1.01
673.0
10.51
1000.0
55.59
0.27
0.23
676.0
11.48
2300.0
56.85
0.49
0.34
680.0
13.06
Typical Performance Data at 25oC
CASE STYLE: HF1139
SXBP-615+
INSERTION LOSS
0
20
40
60
80
100
0
400
800
1200
1600
2000
2400
FREQUENCY (MHz)
1.2
1.6
2.0
2.4
2.8
555 575 595 615 635 655 675
SXBP-615+
RETURN LOSS
0
5
10
15
20
25
0
400
800
1200
1600
2000
2400
FREQUENCY (MHz)
11
13
15
17
19
21
23
555 575 595 615 635 655 675
SXBP-615+
GROUP DELAY
4
6
8
10
12
14
555
580
605
630
655
680
FREQUENCY (MHz)
RF IN
RF OUT
Permanent damage may occur if any of these limits are exceeded.
F6
F4
F2
F1
F3
F5
40
20
4
FREQUENCY (MHz)
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXBP-615+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXBP-640 MINI-SXBP-640 Datasheet
385Kb / 1P
   Bandpass Filter
SXBP-640++ MINI-SXBP-640+ Datasheet
385Kb / 1P
   Bandpass Filter
SXBP-69 MINI-SXBP-69 Datasheet
395Kb / 3P
   Bandpass Filter
SXBP-69++ MINI-SXBP-69+ Datasheet
395Kb / 3P
   Bandpass Filter
More results

Similar Description - SXBP-615+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com