Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34ML08G2 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S34ML08G2
Description  8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34ML08G2 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S34ML08G2 Datasheet HTML 5Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 6Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 7Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 8Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 9Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 10Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 11Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 12Page - Cypress Semiconductor S34ML08G2 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 002-00484 Rev. *I
Page 9 of 16
S34ML08G2
Note
1. “O” Stands for Optional, “M” for Mandatory.
103-104
M
Bad blocks maximum per LUN
50h, 00h
105-106
M
Block endurance
01h, 05h
107
M
Guaranteed valid blocks at beginning of target
01h
108-109
M
Block endurance for guaranteed valid blocks
01h, 03h
110
M
Number of programs per page
04h
111
M
Partial programming attributes
5-7
Reserved
4
1 = partial page layout is partial page data followed by
partial page spare
1-3
Reserved
0
1 = partial page programming has constraints
00h
112
M
Number of bits ECC correctability
04h
113
M
Number of interleaved address bits
4-7
Reserved (0)
0-3
Number of interleaved address bits
01h
114
O
Interleaved operation attributes
4-7
Reserved (0)
3
Address restrictions for program cache
2
1 = program cache supported
1
1 = no block address restrictions
0
Overlapped / concurrent interleaving support
04h
115-127
Reserved (0)
00h
Electrical Parameters Block
128
M
I/O pin capacitance
0Ah
129-130
M
Timing mode support
6-15
Reserved (0)
5
1 = supports timing mode 5
4
1 = supports timing mode 4
3
1 = supports timing mode 3
2
1 = supports timing mode 2
1
1 = supports timing mode 1
0
1 = supports timing mode 0, shall be 1
1Fh, 00h
131-132
O
Program cache timing mode support
6-15
Reserved (0)
5
1 = supports timing mode 5
4
1 = supports timing mode 4
3
1 = supports timing mode 3
2
1 = supports timing mode 2
1
1 = supports timing mode 1
0
1 = supports timing mode 0
1Fh, 00h
133-134
M
tPROG Maximum page program time (µs)
BCh, 02h
135-136
M
tBERS Maximum block erase time (µs)
10h, 27h
137-138
M
tR Maximum page read time (µs)
1Eh, 00h
139-140
M
tCCS Minimum Change Column setup time (ns)
C8h, 00h
141-163
Reserved (0)
00h
Vendor Block
164-165
M
Vendor specific Revision number
00h
166-253
Vendor specific
00h
254-255
M
Integrity CRC
16h, 26h
Redundant Parameter Pages
256-511
M
Value of bytes 0-255
Repeat Value of bytes 0-255
512-767
M
Value of bytes 0-255
Repeat Value of bytes 0-255
768+
O
Additional redundant parameter pages
FFh
Table 5. Parameter Page Description (Continued)
Byte
O/M
Description
Values


Similar Part No. - S34ML08G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G1 CYPRESS-S34ML08G1 Datasheet
865Kb / 20P
   8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
More results

Similar Description - S34ML08G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G1 CYPRESS-S34ML08G1 Datasheet
865Kb / 20P
   8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
S34MS16G2 CYPRESS-S34MS16G2 Datasheet
647Kb / 17P
   16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
   16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
logo
Micron Technology
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
   4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com