Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V0M060-7G Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # STM54-1V0M060-7G
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V0M060-7G Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button STM54-1V0M060-7G Datasheet HTML 3Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 9Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 10Page - Bel Fuse Inc. STM54-1V0M060-7G Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 7 of 30
belfuse.com/power-solutions
Output Specifications – 1.0V
Parameter
Symbol
Min
Typ
Max
Units
Output voltage setpoint
VOUT
0.995
1.0
1.005
V
Output voltage trim range
VOUT_adj
0.9
1.1
V
Trim VID resolution
5
mV
Output Regulation
Line (VIN= VIN_min to VIN_max)
Load (IOUT= IOUTmin to IOUTmax)
Temperature (Tref= Tamb_min to Tamb_max)
-
-
-
TBD
TBD
TBD
mV
mV
%VOUT_nom
Total regulation band
AC, IOUT= IOUT_min to IOUT_max
180
mVp-p
Output voltage ripple and noise
VIN= 48V and IOUT= IOUT_min to IOUT_max
5Hz to 20 MHz bandwidth, nominal output capacitance
Vr
-
TBD
mVp-p
Output capacitance
ESR > 0.15mΩ
ESR > 10mΩ
COUT
-
-
TBD
TBD
µF
Continuous output current
in either source or sink mode
IOUT
0
70
A
Peak output current
TBD, in either source or sink mode
IOUT_peak
-
100
Apeak
Output current limit
TBD
IOUT_CL
150
180
% IOUT_max
Output short circuit current
TBD
IOUT_SC
TBD
ARMS
Efficiency
VIN= 48V, Tamb= 25°C
IOUT= 50% of IOUT_max , VOUT= VOUT_nom
η
91.0
91.3
%
Switching frequency
fSW
200
450
600
kHz
Feature Specifications
Pin or Pad
Parameter
Min
Typ
Max
Units
Supply pins
VDD
VDD supply voltage
4.5
5
5.5
V
VDD supply current
-
150
mA
VCC
VCC supply voltage
4.5
5
5.5
V
VCC supply current
-
150
mA
VREG
Not used
-
VCTRL
Not used
-
Under Voltage Lock Out
VDD
VDD rising threshold
4.2
4.3
V
Hysteresis
500
mV
Output Enable
Input HIGH, rising
0.7
mV
Input LOW, falling
0.4
mV
Leakage, VEN= 1.1V
1
µA


Similar Part No. - STM54-1V0M060-7G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V0M060-7G

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com