Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM48-1V0S100-6G Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # STM48-1V0S100-6G
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48-1V0S100-6G Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button STM48-1V0S100-6G Datasheet HTML 7Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 8Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 9Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 10Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 11Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 12Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 13Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 14Page - Bel Fuse Inc. STM48-1V0S100-6G Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 11 of 30
belfuse.com/power-solutions
Performance Characteristics – 1.0V
Efficiency and Power Dissipation
Ripple and Noise
Transient Response – 10% IOUT to 100% IOUT, VIN= 48V
Thermal Derating Curves
Switching Frequency vs. Output Current
Transient Response – 100% IOUT to 10% IOUT, VIN= 48V
Please contact Bel Power Solutions for information
about the performance of this product
Please contact Bel Power Solutions for information
about the performance of this product
Please contact Bel Power Solutions for information
about the performance of this product
Please contact Bel Power Solutions for information
about the performance of this product
Please contact Bel Power Solutions for information
about the performance of this product
Please contact Bel Power Solutions for information
about the performance of this product


Similar Part No. - STM48-1V0S100-6G

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4800A SAMHOP-STM4800A Datasheet
696Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STM4800A VBSEMI-STM4800A Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4800S SAMHOP-STM4800S Datasheet
119Kb / 8P
   S uper high dense cell design for low R DS (ON).
logo
VBsemi Electronics Co.,...
STM4800S VBSEMI-STM4800S Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4806 SAMHOP-STM4806 Datasheet
126Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STM48-1V0S100-6G

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com