Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN003-30P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN003-30P
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN003-30P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN003-30P Datasheet HTML 5Page - NXP Semiconductors PSMN003-30P Datasheet HTML 6Page - NXP Semiconductors PSMN003-30P Datasheet HTML 7Page - NXP Semiconductors PSMN003-30P Datasheet HTML 8Page - NXP Semiconductors PSMN003-30P Datasheet HTML 9Page - NXP Semiconductors PSMN003-30P Datasheet HTML 10Page - NXP Semiconductors PSMN003-30P Datasheet HTML 11Page - NXP Semiconductors PSMN003-30P Datasheet HTML 12Page - NXP Semiconductors PSMN003-30P Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
PSMN003-30 series
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 23 October 2001
10 of 13
9397 750 08316
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Fig 15. SOT404 (D2-PAK)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads
(one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
99-06-25
01-02-12


Similar Part No. - PSMN003-30P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN003-30P NXP-PSMN003-30P Datasheet
236Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 02-25 February 2010
logo
Nexperia B.V. All right...
PSMN003-30P NEXPERIA-PSMN003-30P Datasheet
349Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 02 - 25 February 2010
More results

Similar Description - PSMN003-30P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com