Electronic Components Datasheet Search |
|
DCM4623XD2N31C8Y7Z Datasheet(PDF) 1 Page - Vicor Corporation |
|
DCM4623XD2N31C8Y7Z Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 23 page C US ® DCM™ DC-DC Converter Isolated, Regulated DC Converter DCM4623xD2N31C8y7z Features & Benefits • Isolated, regulated DC-DC converter • Up to 375 W, 13.40 A continuous • 93.9% peak efficiency • 814 W/in3 Power density • Wide input range 120 – 420 Vdc • Safety Extra Low Voltage (SELV) 28.0 V Nominal Output • 4242 Vdc isolation • ZVS high frequency switching n Enables low-profile, high-density filtering • Fully operational current limit • OV, OC, UV, short circuit and thermal protection • 4623 through-hole ChiP package n 1.886” x 0.898” x 0.284” (47.91 mm x 22.8 mm x 7.21 mm) Typical Applications • Industrial • Process Control • Heavy Equipment • Defense / Aerospace Product Description The DCM Isolated, Regulated DC Converter is a DC-DC converter, operating from an unregulated, wide range input to generate an isolated 28.0 Vdc output. With its high frequency zero voltage switching (ZVS) topology, the DCM converter consistently delivers high efficiency across the input line range. Modular DCM converters and downstream DC-DC products support efficient power distribution, providing superior power system performance and connectivity from a variety of unregulated power sources to the point-of-load. Leveraging the thermal and density benefits of Vicor’s ChiP packaging technology, the DCM module offers flexible thermal management options with very low top and bottom side thermal impedances. Thermally-adept ChiP based power components enable customers to achieve cost effective power system solutions with previously unattainable system size, weight and efficiency attributes, quickly and predictably. Product Ratings VIN = 120 V to 420 V POUT = 375 W VOUT = 28.0 V (16.8 V to 30.8 V Trim) IOUT = 13.40 A S NRTL C US Part Ordering Information Product Function Package Size Package Type Max Input Voltage Range Ratio Max Output Voltage Max Output Power Temperature Grade Option DCM 46 23 x D2 N 31 C8 y 7z DCM = DC-DC Converter Length in mm x 10 Width in mm x 10 T = Through hole ChiPs Internal Reference T = -40°C – 125°C M = -55°C – 125°C 70 = Enhanced VOUT Regulation / Analog Control Interface Version DCM™ DC-DC Converter Rev 1.0 Page 1 of 23 07/2017 |
Similar Part No. - DCM4623XD2N31C8Y7Z |
|
Similar Description - DCM4623XD2N31C8Y7Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |