Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM4623TD2N26C8T70 Datasheet(PDF) 6 Page - Vicor Corporation

Part # DCM4623TD2N26C8T70
Description  Isolated, Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM4623TD2N26C8T70 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button DCM4623TD2N26C8T70 Datasheet HTML 2Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 3Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 4Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 5Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 6Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 7Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 8Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 9Page - Vicor Corporation DCM4623TD2N26C8T70 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Specifications (cont.)
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range of -40°C < TINT < 125°C for T grade and -55°C < TINT < 125°C for M grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Output Specifications (Cont.)
Initialization delay
tINIT
See state diagram
25
40
ms
Output turn-on delay
tON
From rising edge EN, with VIN pre-applied. See timing
diagram
200
µs
Output turn-off delay
tOFF
From falling edge EN. See timing diagram
600
µs
Soft start ramp time
tSS
At full rated resistive load, with min COUT-EXT.
18
ms
VOUT threshold for max
rated load current
VOUT-FL-THRESH
During startup, VOUT must achieve this threshold before
output can support full rated current
12.0
V
IOUT at startup
IOUT-START
Max load current at startup while VOUT
is below VOUT-FL_THRESH
1.56
A
Monotonic soft-start threshold
voltage
VOUT-MONOTONIC
Output voltage rise becomes monotonic with 10% of
preload once it crosses VOUT-MONOTONIC
12.0
V
Minimum required disabled duration
tOFF-MIN
This refers to the minimum time a module needs to be
in the disabled state before it will attempt to start via EN
2
ms
Minimum required disabled duration
for predictable restart
tOFF-MONOTONIC
This refers to the minimum time a module needs to be in
the disabled state before it is guaranteed to exhibit
monotonic soft-start and have predictable startup timing
100
ms
Voltage deviation (transient)
%VOUT-TRANS
Minimum COUT_EXT (10
↔ 90% load step).
<10
%
Settling time
tSETTLE
13.5
ms
Powertrain Protections
Input Voltage Initialization threshold
VIN-INIT
Threshold to start tINIT delay
75
V
Input Voltage Reset threshold
VIN-RESET
Latching faults will clear once VIN falls below VIN-RESET
50
V
Input undervoltage lockout threshold
VIN-UVLO-
72.00
114.00
V
Input undervoltage recovery threshold
VIN-UVLO+
See Timing diagram
120.00
V
Input overvoltage lockout threshold
VIN-OVLO+
455
V
Input overvoltage recovery threshold
VIN-OVLO-
See Timing diagram
420
V
Output overvoltage threshold
VOUT-OVP
From 25% to 100% load. Latched shutdown
30.36
V
Output overvoltage threshold
VOUT-OVP-LL
From 0% to 25% load. Latched shutdown
31.68
V
Minimum current limited VOUT
VOUT-UVP
Over all operating steady-state line and trim conditions
10.80
V
Overtemperature threshold (internal)
TINT-OTP
125
°C
Power limit
PLIM
780
W
VIN overvoltage to cessation of
powertrain switching
tOVLO-SW
Independent of fault logic
2.1
µs
VIN overvoltage response time
tOVLO
For fault logic only
200
µs
VIN undervoltage response time
tUVLO
100
ms
Short circuit response time
tSC
Powertrain on, operational state
200
µs
Short circuit, or temperature fault
recovery time
tFAULT
See Timing diagram
1
s
DCM4623xD2N26C8y7z
DCMDC-DC Converter
Rev 1.0
Page 6 of 23
07/2017


Similar Part No. - DCM4623TD2N26C8T70

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623TD2N26C8T00 VICOR-DCM4623TD2N26C8T00 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM4623TD2N26C8T70

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com