Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V2S050-6G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # STM54-1V2S050-6G
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V2S050-6G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  STM54-1V2S050-6G Datasheet HTML 1Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 2Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 3Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V2S050-6G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.powerstamp.org
belfuse.com/power-solutions
MAIN AND SATELLITE POWER STAMP
48V-to-PoL isolated DC-DC converters
The MAIN and SATELLITE Power Stamp are isolated DC-DC converters
that converts a 48V or 54V bus voltage into a low voltage suitable for
typical server’s motherboard subsystems.
Key Features and Benefits
Over 94% efficiency at 1.8Vout
Over 91% efficiency at 1.0Vout
Up to 140W continuous output power / 200W peak
Up to 70A continuous output current / 100A peak
Wide 40V to 60V input voltage range
Power density exceeding 300W/in3
Parallelable with automatic phase shedding
Flat efficiency curve over wide load ranges
Source and sink mode for fast transient response
Isolated power train
Secondary side fully digital control
PMBUs with configurable AVS or Intel SVID interface
Industry standard SMT package
Reference designs for selected applications
Applications
Direct conversion from 48V or 54V bus
High performance computing
Servers, storage and data processing equipment
Communication systems
Intel VR13 HC CPUs
DDR4 memory
Low voltage, high current ASICs and FPGAs


Similar Part No. - STM54-1V2S050-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V2S050-6G

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com