Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7447MG1000N Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PC7447MG1000N
Description  PowerPC 7457 RISC Microprocessor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447MG1000N Datasheet(HTML) 1 Page - ATMEL Corporation

  PC7447MG1000N Datasheet HTML 1Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 2Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 3Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 4Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 5Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 6Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 7Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 8Page - ATMEL Corporation PC7447MG1000N Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
5345B–HIREL–02/04
Features
3000 Dhrystone 2.1 MIPS at 1.3 GHz
Selectable Bus Clock (30 CPU Bus Dividers up to 28x)
13 Selectable Core-to-L3 Frequency Divisors
Selectable MPx/60x Interface Voltage (1.8V, 2.5V)
Selectable L3 Interface of 1.8V or 2.5V
P
D Typical 12.6W at 1 GHz at VDD = 1.3V; 8.3W at 1 GHz at VDD = 1.1V, Full Operating
Conditions
Nap, Doze and Sleep Modes for Power Saving
Superscalar (Four Instructions Fetched Per Clock Cycle)
4 GB Direct Addressing Range
Virtual Memory: 4 Hexabytes (252)
64-bit Data and 32-bit Address Bus Interface
Integrated L1: 32 KB Instruction and 32 KB Data Cache
Integrated L2: 512 KB
11 Independent Execution Units and Three Register Files
Write-back and Write-through Operations
f
INT Max = 1 GHz (1.2 GHz to be Confirmed)
f
BUS Max = 133 MHz/166 MHz
Description
This document is primarily concerned with the PowerPC
PC7457; however, unless
otherwise noted, all information here also applies to the PC7447. The PC7457 and
PC7447 are implementations of the PowerPC microprocessor family of reduced
instruction set computer (RISC) microprocessors. This document describes pertinent
electrical and physical characteristics of the PC7457.
The PC7457 is the fourth implementation of the fourth generation (G4) microproces-
sors from Motorola. The PC7457 implements the full PowerPC 32-bit architecture and
is targeted at networking and computing systems applications. The PC7457 consists
of a processor core, a 512 Kbyte L2, and an internal L3 tag and controller which sup-
port a glueless backside L3 cache through a dedicated high-bandwidth interface. The
PC7447 is identical to the PC7457 except it does not support the L3 cache interface.
The core is a high-performance superscalar design supporting a double-precision
floating-point unit and a SIMD multimedia unit. The memory storage subsystem sup-
ports the MPX bus interface to main memory and other system resources. The L3
interface supports 1, 2, or 4M bytes of external SRAM for L3 cache and/or private
memory data. For systems implementing 4M bytes of SRAM, a maximum of 2M bytes
may be used as cache; the remaining 2M bytes must be private memory.
Note that the PC7457 is a footprint-compatible, drop-in replacement in a PC7455
application if the core power supply is 1.3V.
PowerPC 7457
RISC
Microprocessor
PC7457/47
Preliminary
Specification
α-site
Rev. 5345B–HIREL–02/04


Similar Part No. - PC7447MG1000N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000LB ATMEL-PC7447AMGH1000LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000NB ATMEL-PC7447AMGH1000NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167LB ATMEL-PC7447AMGH1167LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167NB ATMEL-PC7447AMGH1167NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
More results

Similar Description - PC7447MG1000N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com