Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6601B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP6601B
Description  Synchronous Rectified BuckMOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP6601B Datasheet HTML 3Page - Renesas Technology Corp HIP6601B Datasheet HTML 4Page - Renesas Technology Corp HIP6601B Datasheet HTML 5Page - Renesas Technology Corp HIP6601B Datasheet HTML 6Page - Renesas Technology Corp HIP6601B Datasheet HTML 7Page - Renesas Technology Corp HIP6601B Datasheet HTML 8Page - Renesas Technology Corp HIP6601B Datasheet HTML 9Page - Renesas Technology Corp HIP6601B Datasheet HTML 10Page - Renesas Technology Corp HIP6601B Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HIP6601B, HIP6603B, HIP6604B
FN9072 Rev 9.00
Page 7 of 14
December 10, 2015
Functional Pin Description
UGATE (Pin 1), (Pin 16 QFN)
Upper gate drive output. Connect to gate of high-side power
N-Channel MOSFET.
BOOT (Pin 2), (Pin 2 QFN)
Floating bootstrap supply pin for the upper gate drive. Connect
a bootstrap capacitor between this pin and the PHASE pin. The
bootstrap capacitor provides the charge to turn on the upper
MOSFET. A resistor in series with boot capacitor is required in
certain applications to reduce ringing on the BOOT pin. See
“Internal Bootstrap Device” on page 8 for guidance in choosing
the appropriate capacitor and resistor values.
PWM (Pin 3), (Pin 3 QFN)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
“Three-State PWM Input” on page 8 for further details. Connect
this pin to the PWM output of the controller.
GND (Pin 4), (Pin 4 QFN)
Bias and reference ground. All signals are referenced to
this node.
PGND (Pin 5 QFN Package Only)
This pin is the power ground return for the lower gate driver.
LGATE (Pin 5), (Pin 7 QFN)
Lower gate drive output. Connect to gate of the low-side
power N-Channel MOSFET.
VCC (Pin 6), (Pin 9 QFN)
Connect this pin to a +12V bias supply. Place a high quality
bypass capacitor from this pin to GND.
LVCC (Pin 10 QFN Package Only)
Lower gate driver supply voltage.
PVCC (Pin 7), (Pin 11 QFN)
For the HIP6601B and the HIP6604B, this pin supplies the
upper gate drive bias. Connect this pin from +12V down to +5V.
For the HIP6603B, this pin supplies both the upper and
lower gate drive bias. Connect this pin to either +12V or +5V.
PHASE (Pin 8), (Pin 14 QFN)
Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. The PHASE voltage is
monitored for adaptive shoot-through protection. This pin
also provides a return path for the upper gate drive.
Description
Operation
Designed for versatility and speed, the HIP6601B, HIP6603B
and HIP6604B dual MOSFET drivers control both high-side
and low-side N-Channel FETs from one externally provided
PWM signal.
The upper and lower gates are held low until the driver is
initialized. Once the VCC voltage surpasses the VCC Rising
Threshold (See “Electrical Specifications” on page 5), the
PWM signal takes control of gate transitions. A rising edge on
PWM initiates the turn-off of the lower MOSFET (see “Timing
Diagram” on page 7). After a short propagation delay
[tPDLLGATE], the lower gate begins to fall. Typical fall times
[tFLGATE] are provided in the “Electrical Specifications” on
page 5. Adaptive shoot-through circuitry monitors the LGATE
voltage and determines the upper gate delay time
[tPDHUGATE] based on how quickly the LGATE voltage drops
below 2.2V. This prevents both the lower and upper
MOSFETs from conducting simultaneously or shoot-through.
Once this delay period is complete the upper gate drive
begins to rise [tRUGATE] and the upper MOSFET turns on.
Timing Diagram
PWM
UGATE
LGATE
tPDLLGATE
tFLGATE
tPDHUGATE
tRUGATE
tPDLUGATE
tFUGATE
tPDHLGATE
tRLGATE


Similar Part No. - HIP6601B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601B INTERSIL-HIP6601B Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6601B INTERSIL-HIP6601B Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - HIP6601B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
logo
Richtek Technology Corp...
RT9619 RICHTEK-RT9619 Datasheet
423Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com