Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7447VG933N Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC7447VG933N
Description  PowerPC 7457 RISC Microprocessor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447VG933N Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC7447VG933N Datasheet HTML 7Page - ATMEL Corporation PC7447VG933N Datasheet HTML 8Page - ATMEL Corporation PC7447VG933N Datasheet HTML 9Page - ATMEL Corporation PC7447VG933N Datasheet HTML 10Page - ATMEL Corporation PC7447VG933N Datasheet HTML 11Page - ATMEL Corporation PC7447VG933N Datasheet HTML 12Page - ATMEL Corporation PC7447VG933N Datasheet HTML 13Page - ATMEL Corporation PC7447VG933N Datasheet HTML 14Page - ATMEL Corporation PC7447VG933N Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
11
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Detailed
Specification
Scope
This specification describes the specific requirements for the microprocessor PC7457 in
compliance with Atmel standard screening.
Applicable
Documents
1.
MIL-STD-883: Test methods and procedures for electronics
2.
MIL-PRF-38535: Appendix A: General specifications for microcircuits
Requirements
General
The microcircuits are in accordance with the applicable documents and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections are as shown in Table 16, Table 3
and Figure 2.
Absolute Maximum
Ratings
Notes:
1. Functional and tested operating conditions are given in Table 3 on page 12. Absolute maximum ratings are stress ratings
only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability
or cause permanent damage to the device.
2. Caution: V
DD/AVDD must not exceed OVDD/GVDD by more than 1V during normal operation; this limit may be exceeded for a
maximum of 20 ms during power-on reset and power-down sequences.
3. Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2V during normal operation; this limit may be exceeded for a
maximum of 20 ms during power-on reset and power-down sequences.
4. BVSEL must be set to 0, such that the bus is in 1.8V mode.
5. BVSEL must be set to HRESET or 1, such that the bus is in 2.5V mode.
6. L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5V mode.
Table 2. Absolute Maximum Ratings(1)
Symbol
Characteristic
Maximum Value
Unit
VDD
(2)
Core supply voltage
-0.3 to 1.60
V
AV
DD
(2)
PLL supply voltage
-0.3 to 1.60
V
OV
DD
(3)(4)
Processor bus supply voltage
BVSEL = 0
-0.3 to 1.95
V
OVDD
(3)(5)
BVSEL = HRESET or OVDD
-0.3 to 2.7
V
GV
DD
(3)(6)
L3 bus supply voltage
L3VSEL = ¬HRESET
-0.3 to 1.65
V
GV
DD
(3)(7)
L3VSEL = 0
-0.3 to 1.95
V
GVDD
(3)(8)
L3VSEL = HRESET or GVDD
-0.3 to 2.7
V
V
IN
(9)(10)
Input voltage
Processor bus
-0.3 to OV
DD + 0.3
V
V
IN
(9)(10)
L3 bus
-0.3 to GV
DD + 0.3
V
VIN
JTAG signals
-0.3 to OVDD + 0.3
V
T
STG
Storage temperature range
-55 to 150
°C


Similar Part No. - PC7447VG933N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000LB ATMEL-PC7447AMGH1000LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000NB ATMEL-PC7447AMGH1000NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167LB ATMEL-PC7447AMGH1167LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167NB ATMEL-PC7447AMGH1167NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
More results

Similar Description - PC7447VG933N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com