Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP15704 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # FCP15704
Description  ~25째 spot beam . Compatible with ultra high power LEDs.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCP15704 Datasheet(HTML) 7 Page - Ledil, Inc.

  FCP15704 Datasheet HTML 1Page - Ledil, Inc. FCP15704 Datasheet HTML 2Page - Ledil, Inc. FCP15704 Datasheet HTML 3Page - Ledil, Inc. FCP15704 Datasheet HTML 4Page - Ledil, Inc. FCP15704 Datasheet HTML 5Page - Ledil, Inc. FCP15704 Datasheet HTML 6Page - Ledil, Inc. FCP15704 Datasheet HTML 7Page - Ledil, Inc. FCP15704 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT
DATASHEET
FCP15704_FLORENTINA-2X2-MRK-S
PHOTOMETRIC DATA (MEASURED):
LED
OSCONIQ P 7070
FWHM
28.0°
Efficiency
63 %
Peak intensity
2.100 cd/lm
Required components:
C15196_FLORENTINA-2X2-SHD-OPEN
LED
OSCONIQ P 7070
FWHM
28.0°
Efficiency
68 %
Peak intensity
2.100 cd/lm
Required components:
C14960_FLORENTINA-2X2-SHD-WHT
LED
OSCONIQ P 7070
FWHM
28.0°
Efficiency
62 %
Peak intensity
2.100 cd/lm
Required components:
C14734_FLORENTINA-2X2-SHD
Last update: 24/05/2018
Subject to change without prior notice
7/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCP15704

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15705 LEDIL-FCP15705 Datasheet
10Mb / 9P
   ~40째 medium beam. Compatible with ultra high power LEDs.
FCP15706 LEDIL-FCP15706 Datasheet
10Mb / 9P
   ~50째 wide beam. Compatible with ultra high power LEDs.
FCP15707 LEDIL-FCP15707 Datasheet
3Mb / 5P
   ~60째 batwing beam compatible with ultra high power LEDs
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
   ~25째 spot beam. Compatible with ultra high power LEDs.
FCP15709 LEDIL-FCP15709 Datasheet
4Mb / 4P
   ~40째 medium beam. Compatible with ultra high power LEDs.
More results

Similar Description - FCP15704

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
   ~25째 spot beam. Compatible with ultra high power LEDs.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
   ~25째 spot beam. Compatible with ultra high power LEDs.
C16263 LEDIL-C16263 Datasheet
2Mb / 5P
   ~25째 spot beam compatible
C11506 LEDIL-C11506 Datasheet
1Mb / 4P
   ~25째 spot beam compatible with Molex connectors.
FN15734 LEDIL-FN15734_18 Datasheet
7Mb / 6P
   ~25째 spot beam with holder B compatible
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
   ~25째 spot beam
C13557 LEDIL-C13557 Datasheet
3Mb / 8P
   ~25째 spot beam
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
   ~25째 spot beam with holder C compatible with LEDiL HEKLA
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
   ~25째 spot beam. Assembly with installation tape.
FCP15710 LEDIL-FCP15710 Datasheet
5Mb / 4P
   ~50째 wide beam. Compatible with ultra high power LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com