Electronic Components Datasheet Search |
|
STM54-1V8M090-4G Datasheet(PDF) 5 Page - Bel Fuse Inc. |
|
STM54-1V8M090-4G Datasheet(HTML) 5 Page - Bel Fuse Inc. |
5 / 30 page STM48-MAIN STM48-SATELLITE Rev. 1.0 – 21/02/2018 www.powerstamp.org Page 5 of 30 belfuse.com/power-solutions Output Specifications – 1.8V Parameter Symbol Min Typ Max Units Output voltage setpoint VOUT 1.820 1.83 1.839 V Output voltage trim range VOUT_adj 1.6 2.0 V Trim VID resolution 10 mV Output Regulation Line (VIN= VIN_min to VIN_max) Load (IOUT= IOUTmin to IOUTmax) Temperature (Tref= Tamb_min to Tamb_max) - - - 8 10 TBD mV mV %VOUT_nom Total regulation band AC, IOUT= IOUT_min to IOUT_max - 44 mVp-p Output voltage ripple and noise VIN= 48V and IOUT= IOUT_min to IOUT_max 5Hz to 20 MHz bandwidth, nominal output capacitance Vr - 20 mVp-p Output capacitance ESR > 0.15mΩ ESR > 10mΩ COUT - - TBD TBD µF Continuous output current in either source or sink mode IOUT 0 70 A Peak output current TBD, in either source or sink mode IOUT_peak - 100 Apeak Output current limit TBD IOUT_CL 150 180 % IOUT_max Output short circuit current TBD IOUT_SC TBD ARMS Efficiency VIN= 48V, Tamb= 25°C IOUT= 50% of IOUT_max , VOUT= VOUT_nom η 94.0 94.1 % Switching frequency fSW 200 450 600 kHz |
Similar Part No. - STM54-1V8M090-4G |
|
Similar Description - STM54-1V8M090-4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |