Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2635A Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2635A
Description  2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2635A Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2635A Datasheet HTML 16Page - Monolithic Power Systems MP2635A Datasheet HTML 17Page - Monolithic Power Systems MP2635A Datasheet HTML 18Page - Monolithic Power Systems MP2635A Datasheet HTML 19Page - Monolithic Power Systems MP2635A Datasheet HTML 20Page - Monolithic Power Systems MP2635A Datasheet HTML 21Page - Monolithic Power Systems MP2635A Datasheet HTML 22Page - Monolithic Power Systems MP2635A Datasheet HTML 23Page - Monolithic Power Systems MP2635A Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
MP2635A – 2A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2635A Rev. 1.01
www.MonolithicPower.com
20
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
START UP TIME FLOW IN CHARGE MODE
Condition: VIN = 5V, Mode = 0V, /ACOK and /CHG are always pulled up to an external constant 5V.
VIN
SS
Force
Charge
IBF
Comparator
Auto-
recharge
VSYS
ACOK
Band
Gap
0V
0V
0V
5V
CHG
0V
5V
0A
ICC
10%ICC
Battery
Voltage
VBATT_FULL
150μs
Assume vBATT > VBATT_TC
150μs
0V
5V
Mode
EN
VCC
2.2V
Charge
Current
0V
Figure 8: EN Start-Up Time Flow in Charge Mode


Similar Part No. - MP2635A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635GR MPS-MP2635GR Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results

Similar Description - MP2635A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2636 MPS-MP2636 Datasheet
2Mb / 40P
   3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
MP2637 MPS-MP2637 Datasheet
1Mb / 36P
   2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24188 TI-BQ24188_15 Datasheet
4Mb / 52P
[Old version datasheet]   bq24188 2A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com