Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10975ZPWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
8
DRV10975, DRV10975Z
SLVSCP2E – JANUARY 2015 – REVISED MAY 2018
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
7.5 Electrical Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (DRV10975)
IVcc
Supply current
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 12 V; buck regulator
5
7
mA
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 12 V; linear regulator
11
IVccSTBY
Standby current
TA = 25°C; SPEED = 0 V; V(VCC) = 12 V;
standby mode device; buck regulator
4.5
6
mA
TA = 25°C; SPEED = 0 V; V(VCC) = 12 V;
standby mode device; linear regulator
9
SUPPLY CURRENT (DRV10975Z)
IVcc
Supply current
TA = 25°C; sleepDis = 1; SPEED = 0 V;
Vcc = 12 V; buck regulator
5
7
mA
TA = 25°C; sleepDis = 1; SPEED = 0 V;
Vcc = 12 V; linear regulator
11
IVccSLEEP
Sleep current
TA = 25°C; SPEED = 0 V; V(VCC) = 12 V;
sleep mode device
80
150
µA
UVLO
VUVLO_R
UVLO threshold voltage
Rise threshold, TA = 25°C
5.2
5.6
6.5
V
VUVLO_F
UVLO threshold voltage
Fall threshold, TA = 25°C
5
5.5
5.8
V
VUVLO_HYS
UVLO threshold voltage
hysteresis
TA = 25°C
100
200
400
mV
LDO OUTPUT
V3P3
V(VCC) = 12 V, TA = 25°C, VregSel = 0,
5-mA load
3
3.3
3.6
V
V(VCC) = 12 V, TA = 25°C, VregSel = 1,
V(VREG) < 3.3 V, 5-mA load
V(VREG) – 0.3 V(VREG) – 0.1
V(VREG)
V(VCC) = 12 V, TA = 25°C, VregSel = 1,
V(VREG) ≥ 3.3 V, 5-mA load
3
3.3
3.6
IV3P3_MAX
Maximum load from V3P3
V(VCC) = 12 V, TA = 25°C
5
mA
V1P8
V(VCC) = 12 V, TA = 25°C, VregSel = 0
1.6
1.78
2
V
V(VCC) = 12 V, TA = 25°C, VregSel = 1
1.6
1.78
2
STEP-DOWN REGULATOR
VREG
Regulator output voltage
TA = 25˚C; VregSel = 0, LSW = 47 µH,
CSW = 10 µF, Iload = 50 mA
4.5
5
5.5
V
TA = 25˚C; VregSel = 1, LSW = 47 µH,
CSW = 10 µF, Iload = 50 mA
3.06
3.4
3.6
VREG_L
Regulator output voltage
(linear mode)
TA = 25°C, VregSel = 0, RSW = 39 Ω,
CSW = 10 µF
5
V
TA = 25°C, VregSel = 1, RSW = 39 Ω,
CSW = 10 µF
3.4
IREG_MAX
Maximum load from VREG
TA = 25°C, LSW = 47 µH, CSW = 10 µF
100
mA
INTEGRATED MOSFET
rDS(on)
Series resistance (H + L)
TA = 25˚C; V(VCC) = 12 V; V(VCP) = 17 V;
Iout = 1 A
0.25
0.4
Ω
SPEED – ANALOG MODE
VAN/A_FS
Analog full-speed voltage
V(V3P3) × 0.9
V
VAN/A_ZS
Analog zero-speed voltage
100
mV
tSAM
Analog speed sample period
320
µs
VAN/A_RES
Analog voltage resolution
5.8
mV
SPEED – PWM DIGITAL MODE
VDIG_IH
PWM input high voltage
2.2
V


Similar Part No. - DRV10975ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10975ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com