Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8306HRSMT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8306HRSMT
Description  38-V Brushless DC Motor Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8306HRSMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8306HRSMT Datasheet HTML 2Page - Texas Instruments DRV8306HRSMT Datasheet HTML 3Page - Texas Instruments DRV8306HRSMT Datasheet HTML 4Page - Texas Instruments DRV8306HRSMT Datasheet HTML 5Page - Texas Instruments DRV8306HRSMT Datasheet HTML 6Page - Texas Instruments DRV8306HRSMT Datasheet HTML 7Page - Texas Instruments DRV8306HRSMT Datasheet HTML 8Page - Texas Instruments DRV8306HRSMT Datasheet HTML 9Page - Texas Instruments DRV8306HRSMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
DRV8306
SLVSE38 – APRIL 2018
www.ti.com
Product Folder Links: DRV8306
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VVM = 6 to 38 V over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWAKE
Wake-up time
VVM > VUVLO; ENABLE = 3.3 V to
output transistion
1
ms
VDVDD
Internal logic regulator voltage
IDVDD = 0 to 30 mA
2.9
3.3
3.6
V
CHARGE PUMP (VCP, CPH, CPL)
VVCP
VCP operating voltage with respect to
VM
VM = 12 to 38 V; IVCP = 0 to 15 mA
7
10
11.5
V
VM = 10 V; IVCP = 0 to 10 mA
6.5
7.5
9.5
V
VM = 8 V; IVCP = 0 to 5 mA
5
6
7.5
V
VM = 6 V; IVCP = 0 to 1 mA
3.8
4.3
6.5
V
LOGIC-LEVEL INPUTS (PWM, DIR, nBRAKE)
VIL
Input logic low voltage
0
0.8
V
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–1
1
µA
IIH
Input logic high current
VIN = 5 V
100
µA
RPD
Pulldown resistance (PWM, DIR,
nBRAKE)
Internal pulldown to AGND
100
tPD
Propagation delay
INHX/INLX tansition to GHX/GLX
transition
180
250
ns
LOGIC-LEVEL INPUTS (ENABLE)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–10
10
µA
IIH
Input logic high current
VIN = 5 V
–5
5
µA
SEVEN-LEVEL INPUTS (IDRIVE, VDS)
VI1
Input mode 1 voltage
Tied to AGND
0
V
VI2
Input mode 2 voltage
18 kΩ ± 5% to AGND
0.5
V
VI3
Input mode 3 voltage
75 kΩ ± 5% to AGND
1.1
V
VI4
Input mode 4 voltage
Hi-Z
1.65
V
VI5
Input mode 5 voltage
75 kΩ ± 5% to DVDD
2.2
V
VI6
Input mode 6 voltage
18 kΩ ± 5% to DVDD
2.8
V
VI7
Input mode 7 voltage
Tied to DVDD
3.3
V
OPEN-DRAIN OUTPUTS (nFAULT, FGOUT)
VOL
Output logic low voltage
IOD = 2 mA
0.1
V
IOZ
Output logic high current
VOD = 5 V
–1
1
µA
GATE DRIVERS (GHX, SHX, GLX)
VGHS
(1)
High-side VGS gate drive (gate-to-
source)
VVM = 12 to 38 V; IHS_GATE = 0 to 15
mA
7
10
11.5
V
VVM = 10 V; IHS_GATE = 0 to 10 mA
6.5
7.5
8.5
VVM = 8 V; IHS_GATE = 0 to 5 mA
5
6
7
VVM = 6 V; IHS_GATE = 0 to 1 mA
3.8
4.3
6.5
VGSL
(1)
Low-side VGS gate drive (gate-to-
source)
VVM = 12 to 38 V; ILS_GATE = 0 to 15
mA
7.5
10
12.5
V
VVM = 10 V; ILS_GATE = 0 to 10 mA
5.5
7.5
9.5
VVM = 8 V; ILS_GATE = 0 to 5 mA
3.5
6
8.5
VVM = 6 V; ILS_GATE = 0 to 1 mA
3
4.3
6.5
tDEAD
Output dead time
120
ns
tDRIVE
Peak gate drive time
4000
ns


Similar Part No. - DRV8306HRSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
DRV8300D TI-DRV8300D Datasheet
1Mb / 25P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results

Similar Description - DRV8306HRSMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com