Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5056A1QDBZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5056A1QDBZT
Description  Unipolar Ratiometric Linear Hall Effect Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5056A1QDBZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5056A1QDBZT Datasheet HTML 6Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 7Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 8Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 9Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 10Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 11Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 12Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 13Page - Texas Instruments DRV5056A1QDBZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
VOUT = VQ + B × Sensitivity(25°C) × (1 + STC × (TA ± 25°C))
(
)
PCB
PCB
N
S
N
S
10
DRV5056
SBAS644 – APRIL 2018
www.ti.com
Product Folder Links: DRV5056
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
Magnetic flux that travels from the bottom to the top of the package is considered positive. This condition exists
when a south magnetic pole is near the top (marked-side) of the package. Magnetic flux that travels from the top
to the bottom of the package results in negative millitesla values.
Figure 15. The Flux Direction for Positive B
7.3.2 Magnetic Response
The DRV5056 outputs an analog voltage according to Equation 1 when in the presence of a magnetic field:
where
VQ is typically 600 mV
B is the applied magnetic flux density
Sensitivity(25°C) depends on the device option and VCC
STC is typically 0.12%/°C
TA is the ambient temperature
VOUT is within the VL range
(1)
As an example, consider the DRV5056A3 with VCC = 3.3 V, a temperature of 50°C, and 67 mT applied.
Excluding tolerances, VOUT = 600 mV + 67 mT × (30 mV/mT × [1 + 0.0012/°C × (50°C – 25°C)]) = 2670 mV.
The DRV5056 only responds to the flux density of a magnetic south pole.


Similar Part No. - DRV5056A1QDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5056A1QDBZT TI1-DRV5056A1QDBZT Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
DRV5056A1QDBZT TI1-DRV5056A1QDBZT Datasheet
1Mb / 35P
[Old version datasheet]   DRV5056 Unipolar Ratiometric Linear Hall Effect Sensor
More results

Similar Description - DRV5056A1QDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
DRV5056-Q1 TI1-DRV5056-Q1_18 Datasheet
740Kb / 30P
[Old version datasheet]   Automotive Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5056 Unipolar Ratiometric Linear Hall Effect Sensor
DRV5056-Q1 TI1-DRV5056-Q1 Datasheet
488Kb / 22P
[Old version datasheet]   Automotive Unipolar Ratiometric Linear Hall Effect Sensor
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com