Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7104 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7104
Description  High Speed, Single Channel, Power MOSFET Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7104 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7104 Datasheet HTML 1Page - Renesas Technology Corp EL7104 Datasheet HTML 2Page - Renesas Technology Corp EL7104 Datasheet HTML 3Page - Renesas Technology Corp EL7104 Datasheet HTML 4Page - Renesas Technology Corp EL7104 Datasheet HTML 5Page - Renesas Technology Corp EL7104 Datasheet HTML 6Page - Renesas Technology Corp EL7104 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN7113 Rev 2.00
Page 1 of 7
July 6, 2006
FN7113
Rev 2.00
July 6, 2006
EL7104
High Speed, Single Channel, Power MOSFET Driver
DATASHEET
The EL7104 is a matched driver IC that improves the
operation of the industry-standard TC-4420/29 clock drivers.
The Elantec version is a very high speed driver capable of
delivering peak currents of 1A into highly capacitive loads.
The high speed performance is achieved by means of a
proprietary “Turbo-Driver” circuit that speeds up input stages
by tapping the wider voltage swing at the output. Improved
speed and drive capability are enhanced by matched rise
and fall delay times. These matched delays maintain the
integrity of input-to-output pulse-widths to reduce timing
errors and clock skew problems. This improved performance
is accompanied by a 10-fold reduction in supply currents
over bipolar drivers, yet without the delay time problems
commonly associated with CMOS drivers.
The EL7104 is available in 8-pin SO and 8-pin PDIP
packages and is specified for operation over the full -40°C to
+85°C temperature range.
Features
• Industry-standard driver replacement
• Improved response times
• Matched rise and fall times
• Reduced clock skew
• Low output impedance
• Low input capacitance
• High noise immunity
• Improved clocking rate
• Low supply current
• Wide operating range
• Separate drain connections
• Pb-Free available (RoHS compliant)
Applications
• Clock/line drivers
• CCD drivers
• Ultrasound transducer drivers
• Power MOSFET drivers
• Switch mode power supplies
• Resonant charging
• Cascoded drivers
Pinout
EL7104
(8-PIN SO, PDIP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL7104CN
EL7104CN
8 Ld PDIP
-
MDP0031
EL7104CNZ
EL7104CN Z 8 Ld PDIP*
-
MDP0031
EL7104CS
7104CS
8 Ld SOIC
-
MDP0027
EL7104CS-T7
7104CS
8 Ld SOIC
7”
MDP0027
EL7104CS-T13
7104CS
8 Ld SOIC
13”
MDP0027
EL7104CSZ
(See Note)
7104CSZ
8 Ld SOIC
(Pb-free)
-
MDP0027
EL7104CSZ-T7
(See Note)
7104CSZ
8 Ld SOIC
(Pb-free)
7”
MDP0027
EL7104CSZ-T13
(See Note)
7104CSZ
8 Ld SOIC
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
1
2
3
4
8
7
6
5
V+
IN
NC
GND
V+
P_OUT
N_OUT
GND


Similar Part No. - EL7104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
EL7104 INTERSIL-EL7104 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7104CN INTERSIL-EL7104CN Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
EL7104CN INTERSIL-EL7104CN Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results

Similar Description - EL7104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com