Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI4451GFN Datasheet(PDF) 5 Page - Texas Instruments

Part # PCI4451GFN
Description  PC CARD AND OHCI CONTROLLER
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451GFN Datasheet(HTML) 5 Page - Texas Instruments

  PCI4451GFN Datasheet HTML 1Page - Texas Instruments PCI4451GFN Datasheet HTML 2Page - Texas Instruments PCI4451GFN Datasheet HTML 3Page - Texas Instruments PCI4451GFN Datasheet HTML 4Page - Texas Instruments PCI4451GFN Datasheet HTML 5Page - Texas Instruments PCI4451GFN Datasheet HTML 6Page - Texas Instruments PCI4451GFN Datasheet HTML 7Page - Texas Instruments PCI4451GFN Datasheet HTML 8Page - Texas Instruments PCI4451GFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 216 page
background image
v
4.41
Socket DMA Register 0
4–32
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.42
Socket DMA Register 1
4–33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.43
Capability ID Register
4–34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.44
Next Item Pointer Register
4–34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.45
Power Management Capabilities Register
4–35
. . . . . . . . . . . . . . . . . . . . . .
4.46
Power Management Control/Status Register
4–36
. . . . . . . . . . . . . . . . . . . .
4.47
Power Management Control/Status Register Bridge Support
Extensions
4–37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.48
GPE Control/Status Register
4–38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
ExCA Compatibility Registers (Functions 0 and 1)
5–1
. . . . . . . . . . . . . . . . . .
5.1
ExCA Identification and Revision Register
5–5
. . . . . . . . . . . . . . . . . . . . . .
5.2
ExCA Interface Status Register
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
ExCA Power Control Register
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
ExCA Interrupt and General Control Register
5–8
. . . . . . . . . . . . . . . . . . .
5.5
ExCA Card Status-Change Register
5–9
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6
ExCA Card Status-Change Interrupt Configuration Register
5–10
. . . . . . .
5.7
ExCA Address Window Enable Register
5–11
. . . . . . . . . . . . . . . . . . . . . . . .
5.8
ExCA I/O Window Control Register
5–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.9
ExCA I/O Windows 0 and 1 Start-Address Low-Byte Registers
5–13
. . . .
5.10
ExCA I/O Windows 0 and 1 Start-Address High-Byte Registers
5–13
. . . .
5.11
ExCA I/O Windows 0 and 1 End-Address Low-Byte Registers
5–14
. . . . .
5.12
ExCA I/O Windows 0 and 1 End-Address High-Byte Registers
5–14
. . . .
5.13
ExCA Memory Windows 0–4 Start-Address Low-Byte Registers
5–15
. . .
5.14
ExCA Memory Windows 0–4 Start-Address High-Byte Registers
5–16
. . .
5.15
ExCA Memory Windows 0–4 End-Address Low-Byte Registers
5–17
. . . .
5.16
ExCA Memory Windows 0–4 End-Address High-Byte Registers
5–18
. . .
5.17
ExCA Memory Windows 0–4 Offset-Address Low-Byte Registers
5–19
. .
5.18
ExCA Memory Windows 0–4 Offset-Address High-Byte Registers
5–20
.
5.19
ExCA I/O Windows 0 and 1 Offset-Address Low-Byte Registers
5–21
. . .
5.20
ExCA I/O Windows 0 and 1 Offset-Address High-Byte Registers
5–21
. . .
5.21
ExCA Card Detect and General Control Register
5–22
. . . . . . . . . . . . . . . .
5.22
ExCA Global Control Register
5–23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.23
ExCA Memory Windows 0–4 Page Registers
5–24
. . . . . . . . . . . . . . . . . . .
6
CardBus Socket Registers (Functions 0 and 1)
6–1
. . . . . . . . . . . . . . . . . . . . . .
6.1
Socket Event Register
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Socket Mask Register
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Socket Present State Register
6–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.4
Socket Force Event Register
6–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.5
Socket Control Register
6–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.6
Socket Power Management Register
6–8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Distributed DMA (DDMA) Registers
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
DMA Current Address/Base Address Register
7–2
. . . . . . . . . . . . . . .
7.2
DMA Page Register
7–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
DMA Current Count/Base Count Register
7–3
. . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI4451GFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4450 TI-PCI4450 Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450GFN TI-PCI4450GFN Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450GJG TI-PCI4450GJG Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
More results

Similar Description - PCI4451GFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4410A TI-PCI4410A Datasheet
892Kb / 198P
[Old version datasheet]   PC CARD AND OHCI CONTROLLER
PCI4410 TI-PCI4410 Datasheet
841Kb / 201P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450 TI-PCI4450 Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
TSB82AA2B TI1-TSB82AA2B_14 Datasheet
539Kb / 102P
[Old version datasheet]   OHCI-Lynx Controller
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI7610 TI-PCI7610 Datasheet
1Mb / 240P
[Old version datasheet]   PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com