Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7457MGU933N Datasheet(PDF) 8 Page - ATMEL Corporation

Part # PC7457MGU933N
Description  PowerPC 7457 RISC Microprocessor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7457MGU933N Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button PC7457MGU933N Datasheet HTML 4Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 5Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 6Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 7Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 8Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 9Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 10Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 11Page - ATMEL Corporation PC7457MGU933N Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Separate instruction and data translation lookaside buffers (TLBs)
Both
TLBs
are
128-entry,
two-way
set-associative,
and
use
LRU
replacement algorithm
TLBs are hardware- or software-reloadable (that is, on a TLB miss a page
table search is performed in hardware or by system software)
Efficient data flow
Although the VR/LSU interface is 128 bits, the L1/L2/L3 bus interface allows
up to 256 bits
The L1 data cache is fully pipelined to provide 128 bits/cycle to or from the
VRs
L2 cache is fully pipelined to provide 256 bits per processor clock cycle to
the L1 cache
As many as eight outstanding, out-of-order, cache misses are allowed
between the L1 data cache and L2/L3 bus
As many as 16 out-of-order transactions can be present on the MPX bus
Store merging for multiple store misses to the same line. Only coherency
action taken (address-only) for store misses merged to all 32 bytes of a
cache block (no data tenure needed)
Three-entry finished store queue and five-entry completed store queue
between the LSU and the L1 data cache
Separate additional queues for efficient buffering of outbound data (such as
castouts and write-through stores) from the L1 data cache and L2 cache
Multiprocessing support features include the following:
Hardware-enforced, MESI cache coherency protocols for data cache
Load/store with reservation instruction pair for atomic memory references,
semaphores, and other multiprocessor operations
Power and thermal management
1.6V processor core
The following three power-saving modes are available to the system:
Nap—Instruction fetching is halted. Only those clocks for the time base,
decrementer, and JTAG logic remain running. The part goes into the doze
state to snoop memory operations on the bus and then back to nap using a
QREQ/QACK processor-system handshake protocol
Sleep—Power consumption is further reduced by disabling bus snooping,
leaving only the PLL in a locked and running state. All internal functional
units are disabled
Deep sleep— When the part is in the sleep state, the system can disable the
PLL. The system can then disable the SYSCLK source for greater system
power savings. Power-on reset procedures for restarting and relocking the
PLL must be followed on exiting the deep sleep state


Similar Part No. - PC7457MGU933N

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC740 PICKER-PC740 Datasheet
229Kb / 2P
   40 Amp Power Relay
PC740-2A-C-120A-P PICKER-PC740-2A-C-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C1-120A-P PICKER-PC740-2A-C1-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C3-120A-P PICKER-PC740-2A-C3-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C4-120A-P PICKER-PC740-2A-C4-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
More results

Similar Description - PC7457MGU933N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com