Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP-100A Datasheet(PDF) 1 Page - Mini-Circuits

Part # SHP-100A
Description  High Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SHP-100A Datasheet(HTML) 1 Page - Mini-Circuits

  SHP-100A Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.1W max.
Applications
• lab use
• transmitters/receivers
• radio communications
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
REV. C
M151107
SHP-100A+
ED-12723/2
MM/CP/AM
150930
50
100 to 3000 MHz
SHP-100A+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
FREQUENCY (MHz)
at RF level of+10 dBm
SHP-100A+
RETURN LOSS
0
5
10
15
20
25
30
35
40
45
10
100
1000
10000
FREQUENCY (MHz)
at RF level of+10 dBm
SHP-100A+
GROUP DELAY
0
4
8
12
16
20
24
28
32
36
40
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
at RF level of+10 dBm
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
(loss <1.7 dB)
Stopband
Typ.
Passband
Typ.
DC-77
77-82
92
110-2000
2000-3000
13
1.6
20
40
3
1
F requency/fco
DC
.8
.9
1.2
Features
• rugged shielded case
Outline Drawing
Outline Dimensions (
)
inch
mm
10.00
72.11
0.05
84.00
22.02
50.00
57.35
1.13
88.00
31.80
75.00
58.56
1.33
90.00
37.99
77.00
46.88
1.38
100.00
27.06
80.00
34.21
1.48
120.00
10.61
82.00
27.39
1.60
130.00
7.80
83.00
24.28
1.68
140.00
6.12
88.00
10.95
2.87
150.00
4.99
90.00
6.93
4.36
160.00
4.17
92.00
4.13
7.12
170.00
3.55
94.00
2.55
11.26
180.00
3.08
100.00
1.18
29.89
190.00
2.72
110.00
0.71
40.57
200.00
2.42
150.00
0.35
21.43
250.00
1.54
200.00
0.37
14.40
300.00
1.13
300.00
0.38
12.83
350.00
0.90
400.00
0.36
12.97
400.00
0.76
500.00
0.34
13.15
450.00
0.65
600.00
0.34
13.15
500.00
0.59
650.00
0.35
13.08
600.00
0.54
700.00
0.36
13.00
700.00
0.46
800.00
0.39
12.70
800.00
0.43
1000.00
0.42
12.53
1000.00
0.38
2000.00
0.65
10.97
2000.00
0.34
3000.00
0.88
17.25
3000.00
0.34
R F IN
R F OUT
B
D
E
wt
.67
1.98
.312 grams
17.02 50.29
7.92
42.0
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: FF99
Connectors
Model
SMA
SHP-100A+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
SHP-100A+


Similar Part No. - SHP-100A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SHP-100 MINI-SHP-100 Datasheet
134Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
SHP-100++ MINI-SHP-100+ Datasheet
134Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
SHP-1000 MINI-SHP-1000 Datasheet
146Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
SHP-1000++ MINI-SHP-1000+ Datasheet
146Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
More results

Similar Description - SHP-100A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
   High Pass Filter
logo
Mini-Circuits
HFCN-650D MINI-HFCN-650D Datasheet
302Kb / 1P
   High Pass Filter
HFCN-5500 MINI-HFCN-5500 Datasheet
311Kb / 1P
   High Pass Filter
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
   High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
   High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
   High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
   High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
   High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
   High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
   High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
   High Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com