Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCBD-20-272HP Datasheet(PDF) 2 Page - Mini-Circuits

Part # SCBD-20-272HP
Description  Bi-Directional Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCBD-20-272HP Datasheet(HTML) 2 Page - Mini-Circuits

  SCBD-20-272HP Datasheet HTML 1Page - Mini-Circuits SCBD-20-272HP Datasheet HTML 2Page - Mini-Circuits SCBD-20-272HP Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Maximum Ratings
Pad Connections
INPUT
1,2,3,4
OUTPUT
2,1,4,3
COUPLED IN
4,3,2,1
COUPLED OUT
3,4,1,2
GROUND
5
Operating Temperature, case
-55°C to 85°C
Storage Temperature
-55°C to 100°C
DC Current
2A
SCBD-20-272HP+
Electrical Schematic
50Ω
Up to 100W
1750 to 2750 MHz
Bi-Directional Coupler
REV. B
M163209
ED-16374
SCBD-20-272HP+
WP/CP/AM
170802
DC Pass, High Power
Features
• wide frequency range, 1750 to 2700 MHz
• high directivity, 25 dB typ.
• good return loss
• high power, up to 100W
• DC current pass through input to output
Applications
• PCS
• ISM
• cable TV relay
• federal communication
Demo Board MCL P/N: TB-774+
Suggested PCB Layout (PL-423)**
*Case temperature is defined as temperature on ground leads.
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
FG
.70
.32
.20
.14 .100 .125 .022
17.78 8.13 5.08 3.56 2.54 3.18 0.56
H
J
K
L
M
wt
.060 .040 .360 .670 .175
grams
1.52 1.02 9.14 17.02 4.45
0.80
Electrical Specifications at 25°C
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
1750
2750
MHz
Mainline Loss1
1750-2050
0.17
0.25
dB
2050-2750
0.25
0.35
Coupling
1750-2050
20.2±0.6
dB
2050-2750
18.6±0.8
Coupling Flatness (±)
1750-2050
2050-2750
0.6
0.8
0.9
1.2
dB
Directivity
1750-2050
22
30
dB
2050-2750
18
24
Return Loss (Input)
1750-2050
20
35
dB
2050-2750
20
28
Return Loss (Output)
1750-2050
20
35
dB
2050-2750
20
29
Return Loss (Coupling)
1750-2050
20
35
dB
2050-2750
20
28
Input Power2
(up to +65°C case temp.)
1750-2750
100
W
Input Power
(up to +85°C case temp.)
1750-2750
64
1. Include coupling loss.
2. At 25°C with no DC. Derate linearly to 75W (1750-2750 MHz) at 65°C with 2A DC current.
** Wraparound solder on ground pins may not be shown
Product Marking: SCBD-01+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: JB1233-1
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
13”
500


Similar Part No. - SCBD-20-272HP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
   Bi-Directional Coupler
SCBD-25-122HP++ MINI-SCBD-25-122HP+ Datasheet
392Kb / 3P
   Bi-Directional Coupler
SCBD-28-82HP MINI-SCBD-28-82HP Datasheet
391Kb / 3P
   Bi-Directional Coupler
SCBD-28-82HP++ MINI-SCBD-28-82HP+ Datasheet
391Kb / 3P
   Bi-Directional Coupler
More results

Similar Description - SCBD-20-272HP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
   Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
SCS100800-10 SYNERGY-SCS100800-10 Datasheet
496Kb / 4P
   BI-DIRECTIONAL COUPLER
SDCHP-140 SYNERGY-SDCHP-140 Datasheet
344Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
   Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
   Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
   Bi-Directional Coupler
ZBDC40-1450W MINI-ZBDC40-1450W Datasheet
340Kb / 1P
   Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
   Bi-Directional Coupler
ZABDC20-252H MINI-ZABDC20-252H Datasheet
212Kb / 1P
   Bi-Directional Coupler
BDCH-20-63 MINI-BDCH-20-63 Datasheet
395Kb / 3P
   Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
   Bi-Directional Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com